Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN3286 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3286
Description  This document describes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3286 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3286 Datasheet HTML 5Page - STMicroelectronics AN3286 Datasheet HTML 6Page - STMicroelectronics AN3286 Datasheet HTML 7Page - STMicroelectronics AN3286 Datasheet HTML 8Page - STMicroelectronics AN3286 Datasheet HTML 9Page - STMicroelectronics AN3286 Datasheet HTML 10Page - STMicroelectronics AN3286 Datasheet HTML 11Page - STMicroelectronics AN3286 Datasheet HTML 12Page - STMicroelectronics AN3286 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
AN3286
Adapter features
Doc ID 17998 Rev 1
9/42
1.2
Transformer
The transformer’s electrical characteristics are listed in Table 3.
RH2
1.1 M
Ω
1/4 W resistor
RL
12 k
Ω
1/4 W resistor
VR1
TS431
Voltage reference
STMicroelectronics
OPTO1
PC817
Optocoupler
T1
1338.0019
Transformer
Magnetica®
T2
4530R4B
Common mode choke
TDK
L1
2.2 µH
RFB0807-2R2L
Coilcraft
J
3-pin jumper
IC
VIPer25
PWM controller
STMicroelectronics
Table 2.
Bill of material (continued)
Reference
Part
Description
Manufacturer
Table 3.
1338.0019 transformer characteristics
Properties
Value
Test condition
Primary inductance
1.5 mH ±15%
Measured at 1 kHz
Leakage inductance
0.8% nom.
Measured at 10 kHz
Primary to secondary turn ratio (4 - 5)/(6, 7 - 10, 9)
12.85 ±5%
Measured at 10 kHz
Primary to auxiliary turn ratio (4 - 5)/(1 - 2)
5.29 ±5%
Measured at 10 kHz
Nominal operating frequency
60 kHz
VIPer25 demonstration board
Nominal/peak power
10 W/15 W
Saturation current
1 A
BSAT = 0.32T
Insulation
4 kV
Primary to secondary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com