Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN3329 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN3329
Description  This application note describes the characteristics and features
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3329 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN3329 Datasheet HTML 6Page - STMicroelectronics AN3329 Datasheet HTML 7Page - STMicroelectronics AN3329 Datasheet HTML 8Page - STMicroelectronics AN3329 Datasheet HTML 9Page - STMicroelectronics AN3329 Datasheet HTML 10Page - STMicroelectronics AN3329 Datasheet HTML 11Page - STMicroelectronics AN3329 Datasheet HTML 12Page - STMicroelectronics AN3329 Datasheet HTML 13Page - STMicroelectronics AN3329 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
Efficiency measurement
AN3329
10/47
Doc ID 18376 Rev 1
The average efficiency has been calculated according to ENERGY STAR 2.0 criteria.
Results are summarized in Figure 3 and 4.
Standby supply efficiency
Standby supply efficiency has been measured and the results are plotted in Figure 5. As
shown, the efficiency during rated load operation is above 82 %, over the whole input mains
voltage range, from 50 % to full load.
Efficiency during standby operation at very light load, like microprocessor and wake-up
circuitry, is plotted in Figure 6. As shown, in this condition it is higher than 35 % at 230 Vac,
therefore, it allows to supply the microprocessor with a significant low consumption from the
mains. It should be mentioned that the standby supply efficiency has been calculated
measuring the input power at the input connector, including power loss contribution due to
all residual loads connected to mains before and after the input bridge rectifier, like the EMI
filter and PFC resistor dividers.
Figure 3.
Overall efficiency vs. output power Figure 4.
Average efficiency acc. ES-2
Figure 5.
Standby supply efficiency vs.
output power
Figure 6.
Standby supply efficiency vs. light
load output power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com