| Electronic Components Datasheet Search |
|
P152000 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved |
|
|
|||||||||||||||||||||||||||||
P152000 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved |
|
1 / 2 page ![]() Compact/Slimline DB9 Gender Changer (M/M) MODEL NUMBER: P152-000 Description Compact gold gender changer is designed to allow you to change a DB9F port into a DB9M port. Gold plated contacts and connectors offer superior conductivity. Features Compact gender changer Gold plated contacts and connectors for superior conductivity DB9 male to DB9 male Specifications OVERVIEW Cable Type Modem/Null Modem PHYSICAL Color Gold CONNECTIONS Connector A DB9 (MALE) Connector B DB9 (MALE) SPECIAL FEATURES Chromebook Compatible No Highlights Low profile gender changer (< 1 inch) Allows you to connect (2) DB9 female cables together Changes gender of a DB9 female port (or cable) to DB9 male Fully shielded against EMI/RFI interference System Requirements Any device or cable with a DB9F connector Package Includes Compact gold gender changer DB9M to DB9M 1 / 2 |
Similar Part No. - P152000 |
|
Similar Description - P152000 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |