Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN3387 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3387
Description  This short document gives some practical indications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3387 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3387 Datasheet HTML 1Page - STMicroelectronics AN3387 Datasheet HTML 2Page - STMicroelectronics AN3387 Datasheet HTML 3Page - STMicroelectronics AN3387 Datasheet HTML 4Page - STMicroelectronics AN3387 Datasheet HTML 5Page - STMicroelectronics AN3387 Datasheet HTML 6Page - STMicroelectronics AN3387 Datasheet HTML 7Page - STMicroelectronics AN3387 Datasheet HTML 8Page - STMicroelectronics AN3387 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AN3387
PM8803 layout guideline
Doc ID 018735 Rev 1
5/12
1.3
How to layout the PM8803 different ground pins
There are 4 different ground pins on the PM8803: VSS, RTN1, RTN2, and ARTN, plus the
exposed pad.
The exposed pad of the PM8803 must be connected to VSS: design a fill area with at least 6
vias to VSS plane. Try, where possible, to increase the number of VSS power planes
connected, at least below the PM8803 position, to improve the heat dissipation of the
PM8803.
RTN1 and RTN2 are power ground pins for GAT1 and GAT2 drivers respectively. These pins
are not internally connected together and therefore must be externally connected with a
wide, short connection at the same point of the board power ground, which, in the following
is called GND.
Use a wide power copper plane for such connections; avoid to use traces as much as
possible.
Board GND must be divided into power GND (to connect input caps, Rsense, PM8803 pin 4
and 9, SA auxiliary circuitry, isolation cap) and signal GND or ARTN (to connect the other
components around the PM8803, the circuitry powered by VC voltage, and the IC pin 8).
The signal GND must be connected to power GND in one point only, close to the PM8803
RTN pins 4 and 9.
Use large copper plane for the power GND, if possible foresee a layer completely dedicated
to this.
ARTN can be a small copper plane or a wide trace connecting the several components
referred to it.
On the secondary side keep separated the power path of the power secondary GND (output
side of transformer, secondary rectifier, output capacitors) from the feedback network GND,
which is connected only at the output capacitors side.
VSS is the low potential of PoE voltage; it can be routed with a wide trace, but close to the
PM8803 as it must become a copper plane, in order to dissipate the heat transferred
through the exposed pad of PM8803.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com