Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN3395 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3395
Description  Sensing resistor selection and usage
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3395 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3395 Datasheet HTML 1Page - STMicroelectronics AN3395 Datasheet HTML 2Page - STMicroelectronics AN3395 Datasheet HTML 3Page - STMicroelectronics AN3395 Datasheet HTML 4Page - STMicroelectronics AN3395 Datasheet HTML 5Page - STMicroelectronics AN3395 Datasheet HTML 6Page - STMicroelectronics AN3395 Datasheet HTML 7Page - STMicroelectronics AN3395 Datasheet HTML 8Page - STMicroelectronics AN3395 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AN3395
Rcg resistance selection
Doc ID 018779 Rev 1
5/11
2.4
Selection of Rcg (example)
Assume IPEAK = 2.2 A and IRMS = 1.5 A in a mobile phone.
According to Equation 1, the maximum limit of Rcg is obtained, that is Rcg < 36 m
Ω.
Let's choose a 33 m
Ω resistor.
Power rating = 33 m
Ω x 1.52 A = 74 mW
Therefore, a 1/8 W (125 mW) resistor is sufficient, however, it is possible to use a 20 m
Ω
resistor that will only dissipate 45 mW instead of 74 mW.
A 20 m
Ω resistor is optimal because 20 mΩ x 2.2 A = 44 mV, which is acceptable in
comparison with the full scale range of 80 mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com