Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN3401 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3401
Description  The SPV1001 and SPV1002 are system-in-package solutions
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3401 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3401 Datasheet HTML 5Page - STMicroelectronics AN3401 Datasheet HTML 6Page - STMicroelectronics AN3401 Datasheet HTML 7Page - STMicroelectronics AN3401 Datasheet HTML 8Page - STMicroelectronics AN3401 Datasheet HTML 9Page - STMicroelectronics AN3401 Datasheet HTML 10Page - STMicroelectronics AN3401 Datasheet HTML 11Page - STMicroelectronics AN3401 Datasheet HTML 12Page - STMicroelectronics AN3401 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
AN3401
Application information
Doc ID 018842 Rev 1
9/18
5
Application information
Typically, standard panels are split into three different cell groups (strings) and each one
needs a bypass device.
In order to test the devices, such as they are already used in the field application, a
dedicated PCB has been realized. Its size is suitable for many junction box dimensions, with
three separated heat sinkers for each bypass device, and thermal vias through the two
layers. Layer thickness is 35 µm.
The PCB image is shown in Figure 4 and the sizes for the 3 heat sinkers are:
Left --> 10.0 cm2;
Central --> 12.5 cm2;
Right --> 10.5 cm
2
Different characterizations have been carried out in order to evaluate the device
performance in terms of current capabilities, heat power dissipation, and average voltage
drop, in four different operative conditions.
1.
Device only, without any heat sinker @ oven temperature.
2.
Just one device soldered on the PCB @ ambient temperature.
3.
Three devices soldered on the PCB, at the temperature defined by IEC 61215
procedures (@ 85 °C).
4.
The same as point 3 but at a different temperature (105 °C, to emulate the temperature
inside a junction box when ambient temperature is 85 °C).
This analysis tries to evaluate the thermal performance of all devices in the conditions
mentioned above. But note that the performances are strictly related to the PCB design.
Also, performances can be affected by how the PCB is placed inside the junction box, and
by the junction box material itself. Each of these elements can create an important
bottleneck in the correct heat dissipation that must be guaranteed for every device used in
this application field.
Figure 8.
Typical junction box PCB to solder and connect the devices on PANEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com