Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4069 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4069
Description  This demonstration board is based on the STEF05 and STEF12 electronic fuses
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4069 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4069 Datasheet HTML 1Page - STMicroelectronics AN4069 Datasheet HTML 2Page - STMicroelectronics AN4069 Datasheet HTML 3Page - STMicroelectronics AN4069 Datasheet HTML 4Page - STMicroelectronics AN4069 Datasheet HTML 5Page - STMicroelectronics AN4069 Datasheet HTML 6Page - STMicroelectronics AN4069 Datasheet HTML 7Page - STMicroelectronics AN4069 Datasheet HTML 8Page - STMicroelectronics AN4069 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AN4069
Board characteristics
Doc ID 022926 Rev 1
5/16
2
Board characteristics
The demonstration board is provided with a STEF05PUR for the 5 V rail, a STEF12PUR for
the 12 V rail, and a MOSFET switch connected to the ENABLE/FAULT pins to reset the E-
fuses in case of thermal fault.
The board provides for separate or linked ENABLE pins, in order to allow either the
observation of each single E-fuse or the complete 5 V/12 V protection application.
The short-circuit current limit is programmed to the standard values (2.9 A for the STEF05,
4.4 A for the STEF12), by means of a 22
Ω resistor placed on each channel. This resistor
can be replaced by the user in order to set the desired current level.
The dV/dt control capacitor, used to set up the turn-on time and slew rate, is optional.
Figure 2.
Demonstration board layout - top layer
Figure 3.
Demonstration board layout - bottom layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com