Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4086 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4086
Description  Buck voltage regulator using the PM8903
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4086 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4086 Datasheet HTML 1Page - STMicroelectronics AN4086 Datasheet HTML 2Page - STMicroelectronics AN4086 Datasheet HTML 3Page - STMicroelectronics AN4086 Datasheet HTML 4Page - STMicroelectronics AN4086 Datasheet HTML 5Page - STMicroelectronics AN4086 Datasheet HTML 6Page - STMicroelectronics AN4086 Datasheet HTML 7Page - STMicroelectronics AN4086 Datasheet HTML 8Page - STMicroelectronics AN4086 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AN4086
Circuit description
Doc ID 023053 Rev 1
5/11
During a load transient, the output capacitor bank either supplies the load current, or
absorbs the energy stored in the inductor until the regulator reacts. The output voltage drop
that depends on the ESR (equivalent series resistance) and on the capacitive
charge/discharge is calculated according to the following:
Equation 5
where
ΔIL is the voltage across the inductor during the transient load [DMAX · (VIN - VOUT) for
a load application or VOUT for load release.
MLCC capacitors typically have low ESR which is good to minimize the voltage ripple, but
they have low capacitance. Electrolytic capacitors have larger capacitance, which is good for
minimizing voltage changes during transients, but they also have higher ESR than MLCC
capacitors.
Ideally, a mix of electrolytic and MLCC capacitors can be used for minimal ripple as well as
minimizing voltage changes during transient loads.
●
Input capacitor selection
The major consideration when choosing an input capacitor is the input RMS current,
which depends on the output current (IOUT) and the duty cycle (D) according to the
following:
Equation 6
Maximum IRMS occurs when D = 0.5, when
.
Make sure the capacitor RMS current rating is well above the maximum operating RMS
current of the regulator. For long-term reliability, a good rule of thumb is to choose a
capacitor that will exhibit less than a 10 °C rise in temperature at max RMS current.
Most capacitor datasheets have plots that show RMS current vs. temperature.
Another consideration is the input ripple voltage - which is caused by the ESL
(equivalent series inductance) and ESR of the input capacitor and the dV/dt of the
switch node. Using low ESR and ESL ceramic capacitors are effective for lowering
input ripple voltage.
I
RMS
I
OUT
D1
D
–
()
⋅
⋅
=
I
RMS
I
OUT
2
------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com