Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4149 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN4149
Description  Designing a CCM PFC pre-regulator based on the L4984D
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4149 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN4149 Datasheet HTML 24Page - STMicroelectronics AN4149 Datasheet HTML 25Page - STMicroelectronics AN4149 Datasheet HTML 26Page - STMicroelectronics AN4149 Datasheet HTML 27Page - STMicroelectronics AN4149 Datasheet HTML 28Page - STMicroelectronics AN4149 Datasheet HTML 29Page - STMicroelectronics AN4149 Datasheet HTML 30Page - STMicroelectronics AN4149 Datasheet HTML 31Page - STMicroelectronics AN4149 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
L4984D biasing circuitry
AN4149
28/43
DocID023523 Rev 2
In this way a change of the line voltage will cause an inversely proportional change of the
half sine amplitude at the output of the multiplier (if the line voltage doubles, the amplitude of
the multiplier output will be halved and vice versa) so that the current reference is adapted
to the new operating conditions with (ideally) no need for invoking the slow dynamics of the
error amplifier. Additionally, the loop gain will be constant throughout the input voltage
range, which improves significantly dynamic behavior at low line and simplifies loop design.
Actually, with other PFC embedding the voltage feed-forward, deriving a voltage
proportional to the RMS line voltage implies a form of integration, which has its own time
constant. If it is too small, the voltage generated will be affected by a considerable amount
of ripple at twice the mains frequency that will cause distortion of the current reference
(resulting in high THD and poor PF). If it is too large, there will be a considerable delay in
setting the right amount of feed-forward, resulting in excessive overshoot and undershoot of
the pre-regulator's output voltage in response to large line voltage changes. Clearly a trade-
off was required.
The L4984D implements an innovative voltage feed-forward which, with a technique that
makes use of just two external parts, overcomes this time constant trade-off issue
whichever voltage change occurs on the mains, both surges and drops. A capacitor CFF and
a resistor RFF, both connected from the pin VFF (pin #5) to ground, complete an internal
peak-holding circuit that provides a DC voltage equal to the peak of the rectified sine wave
applied on pin MULT (pin #3). In this case following values have been selected:
Equation 80
In this way, in case of sudden line voltage rise, CFF will be rapidly charged through the low
impedance of the internal diode. In case of line voltage drop, an internal "mains drop"
detector enables a low impedance switch which suddenly discharges CFF avoiding a long
settling time before reaching the new voltage level. Consequently, an acceptably low
steady-state ripple and low current distortion can be achieved without any considerable
undershoot or overshoot on the preregulator's output like in systems with no feed-forward
compensation. This pin is internally connected to a comparator in order to provide the
brownout (AC mains undervoltage) protection. A voltage below 0.8 V shuts down (does not
latched) the L4984D and brings its consumption to a considerably lower level. The L4984D
restarts as the voltage at the pin rises above 0.88 V. These data have to be considered
during the MULT divider selection, setting the minimum operating voltage.
Please find here following the procedure to set properly the operating point of the multiplier
and the divider resistor values. Supposing a 60 uA (IMULT) current flowing into the multiplier
divider, the lower resistor value can be calculated:
Equation 81
A commercial value of 51 k
Ω for the lower resistor is selected. The upper resistor value can
now be calculated:
Equation 82
F
C
FF
μ
1
=
Ω
= M
R
FF
1
Ω
=
=
=
k
A
V
I
V
R
MULT
MULT
multL
50
60
00
.
3
max
μ
Ω
=
Ω
=
=
M
k
R
k
k
R
multL
p
p
multH
944
.
6
56
10
8
10
8
1
1
3
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com