Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4154 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4154
Description  Power supply for energy meter and power line modem
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4154 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4154 Datasheet HTML 13Page - STMicroelectronics AN4154 Datasheet HTML 14Page - STMicroelectronics AN4154 Datasheet HTML 15Page - STMicroelectronics AN4154 Datasheet HTML 16Page - STMicroelectronics AN4154 Datasheet HTML 17Page - STMicroelectronics AN4154 Datasheet HTML 18Page - STMicroelectronics AN4154 Datasheet HTML 19Page - STMicroelectronics AN4154 Datasheet HTML 20Page - STMicroelectronics AN4154 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
AN4154
Bill of material
Doc ID 023578 Rev 2
17/21
D4,D7,D8,D9
1N4007
1 A / 1000 V
TH
L1,L2
1 mH
1 mH, Drum inductor
TH
MOV1
SO5K310/310V
Varistor, 460 Vac, 7 mm
Dia.
TH
EPCOS or
equivalent
R2
0 E
0 E
0805
R3
1.8 k
Ω
1.8 k
Ω
0805
R4
4.7 E
4.7 E
0805
R5
33 k
Ω
33 k
Ω
0805
R6,R7
8.2 k
Ω
8.2 k
Ω
0805
R8
1.3 E/1206
1.3 E/1206
1206
R9
DNL/1206
DNL/1206
1206
R10
51 k
Ω
51 k
Ω
0805
R13
22 E 2 W
22 E 2 W
TH
R14,R15,R20,
R21
3 M
Ω
3 M
Ω
0805
R16,R17
3.3 k
Ω
3.3 k
Ω
0806
R18
47 k
Ω/1 W
47 k
Ω/1 W
TH
TR1
TR1
E20/10/6, N67 Core
Transformer E20/10/6
U1
ALTAIR04-900
ALTAIR04-900 QR
PWM controller
SOIC16_N
STMicroelectronics
U2
LD2985BM33R
3.3 V, very low drop and
low noise voltage
regulator
DPAK
STMicroelectronics
U3
LD2985BM50R
5.0 V, very low drop and
low noise voltage
regulator
DPAK
STMicroelectronics
Table 5.
BOM (continued)
Part reference
Part no.
Part description
Package
Make



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com