Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UM0723 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM0723
Description  1 kW three-phase motor control demonstration board
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0723 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM0723 Datasheet HTML 18Page - STMicroelectronics UM0723 Datasheet HTML 19Page - STMicroelectronics UM0723 Datasheet HTML 20Page - STMicroelectronics UM0723 Datasheet HTML 21Page - STMicroelectronics UM0723 Datasheet HTML 22Page - STMicroelectronics UM0723 Datasheet HTML 23Page - STMicroelectronics UM0723 Datasheet HTML 24Page - STMicroelectronics UM0723 Datasheet HTML 25Page - STMicroelectronics UM0723 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
Board description
UM0723
22/48
Doc ID 15870 Rev 4
Total gain of the circuit with the resistors’ divider is equal to:
Equation 7
with the default values this gives:
VBIAS = 1.7 V
G = 4.98
GTOT = 2.53
Maximum current amplifiable without distortion is 6.5 A.
Please observe that the user can modify the max. current value by changing the values of
the shunt resistors.
Figure 13.
Six-step current sensing configuration
V
BI AS
3.3
R1
R1
R2
+
----------------------
×
1
R3
--------
1
R1
R2
+
----------------------
1
R4
--------
++
⎝⎠
⎛⎞
R4
×
------------------------------------------------------------------------
G
×
=
V
SIGN
IR
SH UNT
R2
×
×
R1
R2
+
----------------------------------------------
IR
SHU NT
R1
×
×
1
R3
--------
1
R1
R2
+
----------------------
1
R4
--------
++
⎝⎠
⎛⎞
R1
R2
+
()
2
×
----------------------------------------------------------------------------------------------
G
×
+
=
G
TOT
V
SIGN
V
IN
----------------
V
SIGN
R
SH UNT
I
×
-------------------------------
=
=
+
Shunt
resistor
Smart SD
VREF
COMPARATOR
+5 V
VCC
L6390
OPAMP
+
OPOUT
6
9
7
10
OP+
CP+
OP–
GND
+3.3 V
R1 (R75)
R3 (R81)
r (R72)
R (R66 + R69)
R2 (R79)
R4 (R80)
AM00475



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com