Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UM0971 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM0971
Description  STEVAL-IHM031V1 low voltage three-phase inverter demonstration board
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0971 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM0971 Datasheet HTML 3Page - STMicroelectronics UM0971 Datasheet HTML 4Page - STMicroelectronics UM0971 Datasheet HTML 5Page - STMicroelectronics UM0971 Datasheet HTML 6Page - STMicroelectronics UM0971 Datasheet HTML 7Page - STMicroelectronics UM0971 Datasheet HTML 8Page - STMicroelectronics UM0971 Datasheet HTML 9Page - STMicroelectronics UM0971 Datasheet HTML 10Page - STMicroelectronics UM0971 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
UM0971
STEVAL-IHM031V1 features
Doc ID 17701 Rev 1
7/45
1.3.2
Demonstration board intended use
The STEVAL-IHM031V1 demonstration board is a component designed for demonstration
purposes only, and is not to be used for electrical installation or machinery. The technical
data as well as information concerning the power supply conditions must be taken from the
relevant documentation and strictly observed.
1.3.3
Demonstration board installation
The installation and cooling of the demonstration board is in accordance with the
specifications and the targeted application.
●
The motor drive converters are protected against excessive strain. In particular, no
components are to be bent, or isolating distances altered, during the course of
transportation or handling.
●
No contact must be made with other electronic components and contacts.
●
The boards contain electrostatically sensitive components that are prone to damage
through improper use. Electrical components must not be mechanically damaged or
destroyed (to avoid potential health risks).
1.3.4
Electronic connections
Applicable national accident prevention rules must be followed when working on the main
power supply with a motor drive. The electrical installation is completed in accordance with
the appropriate requirements (e.g., cross-sectional areas of conductors, fusing, PE
connections, etc.).
1.3.5
Demonstration board operation
A system architecture which supplies power to the STEVAL-IHM031V1 demonstration board
is equipped with additional control and protective devices in accordance with the applicable
safety requirements (e.g., compliance with technical equipment and accident prevention
rules).
Warning:
Do not touch the demonstration board after disconnection
from the voltage supply, as several parts and power terminals
which contain possibly energized capacitors need to be
allowed to discharge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com