Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4243 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4243
Description  The L6230 DMOS driver for three-phase brushless DC motor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4243 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4243 Datasheet HTML 18Page - STMicroelectronics AN4243 Datasheet HTML 19Page - STMicroelectronics AN4243 Datasheet HTML 20Page - STMicroelectronics AN4243 Datasheet HTML 21Page - STMicroelectronics AN4243 Datasheet HTML 22Page - STMicroelectronics AN4243 Datasheet HTML 23Page - STMicroelectronics AN4243 Datasheet HTML 24Page - STMicroelectronics AN4243 Datasheet HTML 25Page - STMicroelectronics AN4243 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Application information
AN4243
22/29
Doc ID 024199 Rev 1
3.1
Field oriented control driving method
The field oriented control (F.O.C.) method allows smooth and precise motor control of BLDC
motors to be provided. In this configuration (see Figure 19), three sensing resistors are
required, one for each channel.
The sensing signals, coming from the output power stage, are conditioned by external
operational amplifiers which provide the proper feedback signals to the analog-to-digital
converter and the system controller. According to the feedback signals the six input lines are
generated by the controller.
Note that some filtering and level shifting RC networks should be added between the sense
resistor and the correspondent op-amp input.
The uncommitted internal comparator with open-drain output is available.
Figure 19.
F.O.C. typical application
EN3
OUT1
CP+
CP-
GND
CPOUT
OUT3
OUT2
VSA
POWER
GROUND
SIGNAL
GROUND
+
-
VS
8-52VDC
VSB
VCP
VBOOT
CP
C BOOT
D2
D1
C1
C2
SENSE1
RSENSE
DIAG/EN
CEN
REN
ENABLE
IN3
EN2
IN2
EN1
IN1
EN3
IN3
EN2
IN2
EN1
IN1
SENSE2
SENSE3
THREE-PHASE
MOTOR
M
RSENSE
RSENSE
+
-
Signal conditioning
ADC
AM16581v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com