Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4346 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4346
Description  10 W wide range - high power factor - isolated LED driver using HVLED815PF
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4346 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4346 Datasheet HTML 5Page - STMicroelectronics AN4346 Datasheet HTML 6Page - STMicroelectronics AN4346 Datasheet HTML 7Page - STMicroelectronics AN4346 Datasheet HTML 8Page - STMicroelectronics AN4346 Datasheet HTML 9Page - STMicroelectronics AN4346 Datasheet HTML 10Page - STMicroelectronics AN4346 Datasheet HTML 11Page - STMicroelectronics AN4346 Datasheet HTML 12Page - STMicroelectronics AN4346 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
DocID025107 Rev 1
9/33
AN4346
Demonstration board details
33
)
Table 1. Bill of material (BOM)
Ref.
Value
Description
Manufacturer
Manuf. part number
BD1
HD06-T
Diode bridge HD06-T 600 V 0.8 A
MINIDIP
DIODES® Inc.
HD06-T
C1
33 nF
CAP 33 nF X2 305 V MKP P.10
EPCOS
B32921C3333M
C2
220 nF
CAP 220 nF X2 305 V MKP P.15
EPCOS
B32922C3224M
C3
1 nF
Cap. 1 nF ± 10% X7R 630 V 1206
TDK
C3216X7R2J102K115AA
C4
100 nF
Cap. 100 nF ± 10% X7R 50 V 0805
KEMET
C0805C104K5RACTU
C5
4.7
F
Cap. 4.7
F ± 10% X5R 25 V 0805
KEMET
C0805C475K3PACTU
C6
470 nF
Cap. 470 nF ± 10% X7R 25 V 0805
KEMET
C0805C474K3RACTU
C7
2.2 nF
Cap. 2.2 nF ± 5% C0G 50 V 0805
MURATA
GRM2165C1H222JA01D
C8
47
F
Cap. 47
F ± 20% EL. 50V 105 °C
rad. D5 P 2 mm
Panasonic
EEUFR1H470
C10
1 nF
CAP 1 nF X1 Y1 250 V CERAMIC
P. 10
MURATA
DE1E3KX102MN5A
C11, C12,
C16
330
F
Cap. 330
F ± 20% EL. 35 V 105 °C
LL LOW ESR rad. D10 P5mm
Nichicon
UHE1V331MPD
C13
100 nF
Cap. 100 nF ± 10% X7R 50 V 1206
KEMET
C1206C104K5RACTU
C17
5.6 nF
Cap. 5.6 nF ± 5% C0G 50 V 0805
MURATA
GRM2195C1H562JA01D
C19
4.7
F
Cap. 4.7
F ± 10% X5R 50 V 1206
TAIYO YUDEN
UMK316BJ475KL-T
D1
STTH1L06
Diode rect. UFAST STTH1L06U
600 V 1 A SMB
STMicroelectronics® STTH1L06U
D2
1N4148
Diode rect. fast 1N4148 75V 150 mA
SOD123
Vishay®
1N4148W-V-GS08
D3
STPS3150U
Diode Schottky STPS3150U 150 V
3 A SMB
STMicroelectronics
STPS3150U
D4
120 k
Res. 100 k
 1/4 W 1% 100 ppm 1206
SMD
CRCW1206120KFKEA
D7
BZV55-C20
Zener 20 V ± 5% 500 mW MINIMELF NXP
BZV55-C20
F1
1 A 250 V fast
Fuse 1 A 250 V fast radial 8.4 mm x
7.7 mm P 5 mm
Multicomp
Electronic
Components
MCMSF 1 A 250 V
L1, L2
1 mH
Choke RF 1 mH 370 mA axial D 6.5 L
12 mm
EPCOS
B82145A1105J000
Q2
MMBTA42
NPN SML SIG G.P. AMP SOT23
STMicroelectronics
MMBTA42
R1
270 k
Res. 270 k
 1/4 W 1% 100 ppm 1206
SMD
CRCW1206270KFKEA
R2
1
Res. 1
 1/4 W 1% 100 ppm 1206
SMD
CRCW12061R00FKEA
R4
120 k
Res. 120 k
 1/8 W 1% 100 ppm 0805
SMD
CRCW0805120KFKEA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com