Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4374 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4374
Description  The LED1642GW and ALED1642GW start-up guide
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4374 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4374 Datasheet HTML 5Page - STMicroelectronics AN4374 Datasheet HTML 6Page - STMicroelectronics AN4374 Datasheet HTML 7Page - STMicroelectronics AN4374 Datasheet HTML 8Page - STMicroelectronics AN4374 Datasheet HTML 9Page - STMicroelectronics AN4374 Datasheet HTML 10Page - STMicroelectronics AN4374 Datasheet HTML 11Page - STMicroelectronics AN4374 Datasheet HTML 12Page - STMicroelectronics AN4374 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
DocID025366 Rev 2
9/25
AN4374
LED power-on at maximum current and 50% duty cycle
25
3
LED power-on at maximum current and 50% duty
cycle
This example is similar to the previous one but, the configuration register value has been
changed so to have the brightness counter at 12 bits and the current gain to the maximum.
Besides, the brightness register set-up has been changed to have a PWM duty cycle of
about 50%.
• In order to get the maximum LED current, configuration register bits from CFG-0 to CFG-
6 need to be changed from 0 to 1. At the same time, to change the brightness counter
from16 to 12 bits, CFG-15 has to be changed.
Table 3. Configuration register
Bit
Definition
R/W
Description
Default
CFG-0
Current gain
adjustment
R/W
6-bit DAC allows adjusting the device output current in 64
steps for each range (defined by CFG-6)
0
CFG-1
0
CFG-2
0
CFG-3
0
CFG-4
0
CFG-5
0
CFG-6
Current range
R/W
”0” low current range
“1” high current range
0
CFG-7
Error detection
mode
R/W
“0” normal mode
“1” reserved mode
0
CFG-8
Shorted-LED
detection
thresholds
R/W
Programmable output
shorted-LED detection
thresholds
CFG-9
CFG-8
Th. volt
0
00
1.8 V
01
2.5 V
CFG-9
R/W
10
3 V
0
11
3.5 V
CFG-10
Auto OFF
shutdown
R/W
“0” device always ON
”1” auto power shutdown active (auto OFF)
0
CFG-11
Output turn-
on/off time
R/W
Programmable
output rise and fall
time (20% to 80%)
CFG-12 CFG-11 Turn-on
Turn-off
0
0
0
30 ns
20 ns
0
1
100 ns
40 ns
CFG-12
R/W
1
0
140 ns
80 ns
0
1
1
180 ns
150 ns
CFG-13
SDO delay
R/W
If “0” no delay is present on SDO
If “1” the data is shifted out and synchronized with the falling
edge of the CLK signal
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com