Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4377 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4377
Description  This document focuses on a product evaluation board for a simple
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4377 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4377 Datasheet HTML 3Page - STMicroelectronics AN4377 Datasheet HTML 4Page - STMicroelectronics AN4377 Datasheet HTML 5Page - STMicroelectronics AN4377 Datasheet HTML 6Page - STMicroelectronics AN4377 Datasheet HTML 7Page - STMicroelectronics AN4377 Datasheet HTML 8Page - STMicroelectronics AN4377 Datasheet HTML 9Page - STMicroelectronics AN4377 Datasheet HTML 10Page - STMicroelectronics AN4377 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
DocID025410 Rev 1
7/29
AN4377
Electrical diagram and bill of material for 5 V at 2 A
29
32
C48
Ceramic capacitor
1
F
C0603
TDK
C1608X5R1E105K
25 V
33
C51
Ceramic capacitor
22 nF
C0603
Several
50 V
34
C53
Elect. capacitor
330
F
C-POL8-6_3
Panasonic
EEEFK1C331P
16 V
35
C54
Ceramic capacitor
100 pF
C0603
Several
50 V
36
C56
Ceramic capacitor
0.1
F
C0603
Several
50 V
37
D3
Diode bridge
DF01S
DF01S
DIODES
INCORPORATED
38
D5
Zener diode
BZX84C10
SOT23
Several
39
D10
Diode bridge
DF01S
DF01S
DIODES
40
D14
Diode
STTH2R02A
SMA
STMicroelectronics
41
D15
Diode
STTH2R02A
SMA
STMicroelectronics
42
D18
TVS diode
SMAJ58A
SMA
STMicroelectronics
43
D19
LED diode
Green LED
LED-TLGE1100B
TOSHIBA
44
D21
Diode
BAT46J
SOD323
STMicroelectronics
45
D23
Diode
BAT46J
SOD323
STMicroelectronics
46
D28
Schottky diode
PMEG4050EP
SOD128
NXP
47
D36
LED Diode
Green LED
LED-TLGE1100B
TOSHIBA
48
J1
Connector
RJ45 data and power
jack
RJ45-8PIN
Several
49
J2
Connector
RJ45 data jack
RJ45-8PIN
Several
50
J3
Connector
CON3
P-JACK-RAPC722
Switchcraft
51
J4
Connector
CON3
P-JACK-RAPC722
Switchcraft
52
J6
Connector
MOR-10X10.5-P5-2PIN
MOR-2POLI-508
Several
53
L1
Inductor
5.6
H
ME3220-562ML
Coilcraft
54
L4
Inductor
0.33
H
DO1813H-331ML
Coilcraft
55
Q1
MOSFET
STS4NF100
SO8
STMicroelectronics
56
Q2
MOSFET
FDN86246
SOT23
FAIRCHILD
SEMICONDUCTOR
57
R1
Resistor
15 K
R0805
Several
58
R2
Resistor
47 K
R0805
Several
59
R3
Resistor
47 K
R0805
Several
60
R4
Resistor
470 K
R0805
Several
61
R5
Resistor
15 K
R0805
Several
62
R8
Resistor
10 k
R0603
Several
Table 3. Bill of material 5 V at 2 A (continued)
Item Ref.
Description
Value
PCB footprint
Supplier
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com