Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4396 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4396
Description  The STEVAL-ISV021V1 is a demonstration kit which consists
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4396 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4396 Datasheet HTML 3Page - STMicroelectronics AN4396 Datasheet HTML 4Page - STMicroelectronics AN4396 Datasheet HTML 5Page - STMicroelectronics AN4396 Datasheet HTML 6Page - STMicroelectronics AN4396 Datasheet HTML 7Page - STMicroelectronics AN4396 Datasheet HTML 8Page - STMicroelectronics AN4396 Datasheet HTML 9Page - STMicroelectronics AN4396 Datasheet HTML 10Page - STMicroelectronics AN4396 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
19
2
C9,
C10
47 µF
20%
6.3 V
X5R
0805
KEMET
C0805C476M9PAC7800
Capacitor on STORE net
21
1
Cuvp
470 nF
15%
10 V
X5R
0603
Murata
GRM188R71A474KA61D
UVP voltage sampling
delay time constant
capacitance
221Ruvp
6.8 M
1%
0603
VISHAY
CRCW06036M80FKEA
VEOC = 4.15 V
VUVP = 3.75 V
23
1
Reoc
0.75 M
1%
0603
VISHAY
CRCW0603750KFKEA
24
1
Rout
3 M
1%
0603
VISHAY
CRCW06033M00FKEA
25
1
U7
SFH5711
SMD
OSRAM
SFH 5711
Ambient light sensor:
place on the same solder
side of the PV panel (U3)
26
1
R12
80 k
1%
0.1
0603
VISHAY
CRCW060382K0FKEA
27
1
J7
SMD
jumper
Pitch
100 mils
SMD
FCI
95293-101-03LF
28
1
U8
STLQ50C-
R
SOT323-
5L
ST
STLQ50C-R
29
1
SB49
5.36 k
0.1
0603
Panasonic
ERA3AEB5361V
30
1
SB50
2.05 k
±1%
0.1
0603
VISHAY
CRCW06032K05FKEA
31
2
C14,
C15
1 µF
15%
25 V
X5R
0603
Murata
GRM188R61E105KA12D
33
1
J23
SMD
jumper
Pitch
100 mils
SMD
FCI
95293-101-03LF
Disable charging from
USB
Table 1. Harvesting module BOM (continued)
Sect. Item Qty.
Ref.
Part/value
Tolerance
(%)
Voltage
current
Watt
Technol.
info.
Package Manufacturer
Manufacturer code
More information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com