Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4461 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4461
Description  100 W LED street lighting application using STLUX385A
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4461 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4461 Datasheet HTML 5Page - STMicroelectronics AN4461 Datasheet HTML 6Page - STMicroelectronics AN4461 Datasheet HTML 7Page - STMicroelectronics AN4461 Datasheet HTML 8Page - STMicroelectronics AN4461 Datasheet HTML 9Page - STMicroelectronics AN4461 Datasheet HTML 10Page - STMicroelectronics AN4461 Datasheet HTML 11Page - STMicroelectronics AN4461 Datasheet HTML 12Page - STMicroelectronics AN4461 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
DocID026130 Rev 2
9/70
AN4461
Getting started with STEVAL-ILL066V1 demonstration board
70
First power-on procedure
The following section describes a step-by-step procedure which guarantees a correct
power-on during the first configuration of the board.
This guide assumes that the STEVAL-ILL066V1 demonstration board is tested using the
following elements:
•
A DALI master or a 0 - 10 V master line or the serial line.
•
A USB TTL serial cable shipped with the board
•
An AC Power supply or a DC power supply
•
A computer running Microsoft® Windows®, Linux® or Apple® Mac OS® operating
system and HyperTerminal or an equivalent terminal program.
•
LED strings
Before first power-on the user shall connect the serial line as per the following instructions:
1.
Connect the USB TTL serial cable to the USB port of the computer. Windows
recognizes the cable as a new COM port and launches the driver installation.
2.
Install the appropriate USB TTL serial cable drivers. The drivers are the “virtual COM
port (VCP)” and they are provided by FTDI (http://www.ftdichip.com). If you need any
help to install the drivers, please refer to your IT administrator. Once the drivers are
installed, the Windows device manager panel shows a new USB serial port (COMx)
device and the COM number associated.
3.
Run Hyperterminal or an equivalent program from the computer connected to the COM
port associated to the USB TTL serial cable. The serial connection configuration is:
•
Baud rate: 115200
•
Data bits: 8
•
Stop bits: 1
•
Parity: no
•
Flow control: no handshake



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com