Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4337 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4337
Description  power MOSFETs are considered rugged with respect to the avalanche
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4337 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4337 Datasheet HTML 5Page - STMicroelectronics AN4337 Datasheet HTML 6Page - STMicroelectronics AN4337 Datasheet HTML 7Page - STMicroelectronics AN4337 Datasheet HTML 8Page - STMicroelectronics AN4337 Datasheet HTML 9Page - STMicroelectronics AN4337 Datasheet HTML 10Page - STMicroelectronics AN4337 Datasheet HTML 11Page - STMicroelectronics AN4337 Datasheet HTML 12Page - STMicroelectronics AN4337 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DocID025012 Rev 1
9/14
AN4337
IAR and EAS electrical thermal approach
14
Equation 12
So, in conclusion:
Equation 13
Figure 5. Zthj-a thermal impedance
Therefore, the MOSFET device is safe if the duration of repetitive avalanche energy pulses
is less than Ʈ=7 ms.
Below, a specific example illustrates how to estimate the quantification of the safety margin
for a MOSFET in terms of EAS single pulse avalanche energy.
Using the same previous conditions derived from 30 W flyback converter, we can calculate
the theoretical maximum current (not accounting for the instant IAR parameter) and
maximum leakage inductance, taking into account the EAS=100 mJ fixed value data
specification.
From Equation 3 we have:
Equation 14
With EAS=100 mJ and Llk=13 µH.
Equation 15
With EAS=100 mJ and Ip=5.4 A (data specifications).
Note that specifying EAS=100 mJ results in Ip(max) current and Llk(max) leakage inductance
being much higher than typical values for real flyback converters. This means that, apart
W
C
uJ
W
W
C
us
ns
C
us
Zth
a
j
/
38
.
13
123
*
2
1230
2
/
005
.
0
)
20
100
1
(
125
20
)
(
°
=


°
°
=
τ
214
.
0
/
5
.
62
/
38
.
13
)
(
)
(
(max)
=
°
°
=
=
W
C
W
C
Rth
Zth
k
a
j
a
j
τ
τ
A
I
BVD
L
N
V
BVD
E
I
P
ss
lk
out
ss
as
P
114
)
(
2
(max)
(max)
=
=
mH
L
BVD
I
N
V
BVD
E
L
lk
ss
P
out
ss
as
lk
8
.
5
)
(
2
(max)
2
(max)
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com