Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LT2178 Datasheet(PDF) 2 Page - Linear Technology

Part # LT2178
Description  17A Max, Dual and Quad, Single Supply, Precision Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT2178 Datasheet(HTML) 2 Page - Linear Technology

  LT2178 Datasheet HTML 1Page - Linear Technology LT2178 Datasheet HTML 2Page - Linear Technology LT2178 Datasheet HTML 3Page - Linear Technology LT2178 Datasheet HTML 4Page - Linear Technology LT2178 Datasheet HTML 5Page - Linear Technology LT2178 Datasheet HTML 6Page - Linear Technology LT2178 Datasheet HTML 7Page - Linear Technology LT2178 Datasheet HTML 8Page - Linear Technology LT2178 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT2178/LT2179
2
21789fc
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ........................................................
±22V
Differential Input Voltage.........................................
±30V
Input Voltage................ Equal to Positive Supply Voltage
............................. 5V Below Negative Supply Voltage
Output Short-Circuit Duration .......................... Indefinite
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT2178ACS8#PBF
LT2178ACS8#TRPBF
2178A
8-Lead Plastic SO
0°C to 70°C
LT2178AIS8#PBF
LT2178AIS8#TRPBF
2178AI
8-Lead Plastic SO
–40°C to 85°C
LT2178CS8#PBF
LT2178CS8#TRPBF
2178
8-Lead Plastic SO
0°C to 70°C
LT2178IS8#PBF
LT2178IS8#TRPBF
2178I
8-Lead Plastic SO
–40°C to 85°C
LT2179ACS#PBF
LT2179ACS#TRPBF
2179A
14-Lead Plastic SO
0°C to 70°C
LT2179CS#PBF
LT2179CS#TRPBF
2179
14-Lead Plastic SO
0°C to 70°C
LT2179IS#PBF
LT2179IS#TRPBF
2179I
14-Lead Plastic SO
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT2178ACS8
LT2178ACS8#TR
2178A
8-Lead Plastic SO
0°C to 70°C
LT2178AIS8
LT2178AIS8#TR
2178AI
8-Lead Plastic SO
–40°C to 85°C
LT2178CS8
LT2178CS8#TR
2178
8-Lead Plastic SO
0°C to 70°C
LT2178IS8
LT2178IS8#TR
2178I
8-Lead Plastic SO
–40°C to 85°C
LT2179ACS
LT2179ACS#TR
2179A
14-Lead Plastic SO
0°C to 70°C
LT2179CS
LT2179CS#TR
2179
14-Lead Plastic SO
0°C to 70°C
LT2179IS
LT2179IS#TR
2179I
14-Lead Plastic SO
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
1
2
3
4
8
7
6
5
TOP VIEW
V+
OUT B
–IN B
+IN B
OUT A
–IN A
+IN A
V
S8 PACKAGE
8-LEAD PLASTIC SO
+
A
+
B
TJMAX = 150°C, θJA = 190°C/W
TOP VIEW
S PACKAGE
14-LEAD PLASTIC SO
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V
+IN C
–IN C
OUT C
+
A
+
D
B
C
TJMAX = 150°C, θJA = 150°C/W
PIN CONFIGURATION
Specified Temperature Range
Commercial.............................................. 0°C to 70°C
Industrial ............................................. –40°C to 85°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com