Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4599 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4599
Description  This application note describes the features
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4599 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4599 Datasheet HTML 1Page - STMicroelectronics AN4599 Datasheet HTML 2Page - STMicroelectronics AN4599 Datasheet HTML 3Page - STMicroelectronics AN4599 Datasheet HTML 4Page - STMicroelectronics AN4599 Datasheet HTML 5Page - STMicroelectronics AN4599 Datasheet HTML 6Page - STMicroelectronics AN4599 Datasheet HTML 7Page - STMicroelectronics AN4599 Datasheet HTML 8Page - STMicroelectronics AN4599 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
DocID026993 Rev 1
5/26
AN4599
Circuit description
26
Procedure to set oscillator components:
•
nominate the start frequency (do not exceed 300 kHz fstart)
•
find the corresponding value of CF in Table 1
•
with a chosen fstart of 156 kHz, the corresponding CF is 560 pF in Table 1
•
choose the minimum frequency and determine RFmin using the equation:
Equation 1
The chosen Fmin is 49.6 kHz, CF is 560 pF and thus RFmin = 12 kΩ
Determine RSS using equation:
Equation 2
For the chosen Fstart of 156 kHz, CF = 560 pF, RFmin = 12 kΩ and consequently
RSS = 5.6 kΩ
Verify the following relationships:
Equation 3
Choose Fmax and determine RFmax using the formula:
Equation 4
For a chosen Fmax of 150 kHz, RFmax = 2 kΩ
Calculate the CSS using the formula CSS = 3 * 0.001 / RSS
In the application, it may be necessary to increase this value to optimize start-up procedure
by minimizing the inrush current and charging current of the output capacitor.
Good performance is achieved with CSS = 4.7 µF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com