Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UM0900 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM0900
Description  1 kW 3-phase motor control demonstration board featuring
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0900 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM0900 Datasheet HTML 3Page - STMicroelectronics UM0900 Datasheet HTML 4Page - STMicroelectronics UM0900 Datasheet HTML 5Page - STMicroelectronics UM0900 Datasheet HTML 6Page - STMicroelectronics UM0900 Datasheet HTML 7Page - STMicroelectronics UM0900 Datasheet HTML 8Page - STMicroelectronics UM0900 Datasheet HTML 9Page - STMicroelectronics UM0900 Datasheet HTML 10Page - STMicroelectronics UM0900 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
UM0900
System introduction
Doc ID 17028 Rev 1
7/43
2.3
Safety and operating instructions
2.3.1
General terms
Warning:
During assembly, testing, and normal operation, the
demonstration board poses several inherent hazards,
including bare wires, moving or rotating parts and hot
surfaces. There is a danger of serious personal injury if the
kit or components are improperly used or incorrectly
installed. The kit is not electrically isolated from the AC/DC
input. The demonstration board is directly linked to the mains
voltage. No insulation is ensured between accessible parts
and high voltage. All measuring equipment must be isolated
from the mains before powering the board. When using an
oscilloscope with the demonstration board, it must be
isolated from the AC line. This prevents shock from occurring
as a result of touching any single point in the circuit, but
does not prevent shock when touching two or more points in
the circuit. Do not touch the demonstration board after
disconnection from the voltage supply; several parts and
power terminals, which contain energized capacitors, must
be allowed to discharge.
All operations involving transportation, installation and use, as well as maintenance, are to
be carried out by skilled technical personnel (national accident prevention rules must be
observed). For the purpose of these basic safety instructions, “skilled technical personnel”
are considered as suitably qualified people who are familiar with the installation, use, and
maintenance of power electronic systems.
2.3.2
Demonstration board intended use
The STEVAL-IHM025V1 demonstration board is designed for demonstration purposes only
and must not be used in final applications. The technical data, as well as information
concerning the power supply conditions, must only be taken from the relevant
documentation and must be strictly observed.
2.3.3
Demonstration board installation
The installation and cooling of the demonstration board must be in accordance with the
specifications and the targeted application.
●
The motor drive converters must be protected against excessive strain. In particular,
no components are to be bent or isolating distances altered during the course of
transportation or handling.
●
No contact must be made with other electronic components and contacts.
●
The boards contain electro-statically sensitive components that are prone to damage
through improper use. Electrical components must not be mechanically damaged or
destroyed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com