Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC1320 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1320
Description  AppleTalk Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1320 Datasheet(HTML) 2 Page - Linear Technology

  LTC1320_15 Datasheet HTML 1Page - Linear Technology LTC1320_15 Datasheet HTML 2Page - Linear Technology LTC1320_15 Datasheet HTML 3Page - Linear Technology LTC1320_15 Datasheet HTML 4Page - Linear Technology LTC1320_15 Datasheet HTML 5Page - Linear Technology LTC1320_15 Datasheet HTML 6Page - Linear Technology LTC1320_15 Datasheet HTML 7Page - Linear Technology LTC1320_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LTC1320
A
G
A
U
A
R
BSOLUTEXI
TI
S
Supply Voltage (VDD) ................................................ 7V
Supply Voltage (VSS) .............................................. –7V
Input Voltage (Logic Inputs) ......... – 0.3V to VDD + 0.3V
Input Voltage (Receiver Inputs) ............................
±15V
Driver Output Voltage (Forced) .............................
±15V
Output Short-Circuit Duration ......................... Indefinite
Operating Temperature Range ................... 0
°C ot 70°C
Storage Temperature Range ................ – 65
°c to 150°C
Lead Temperature (Soldering, 10 sec)................ 300
°C
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
LTC1320CS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOD
Differential Driver Output Voltage
No Load
q
8.0
V
RL = 100Ω (Figure 1)
q
2.0
V
Change in Magnitude of Driver
RL = 100Ω (Figure 1)
0.2
V
Differential Output Voltage
VOC
Driver Common-Mode Output Voltage
RL = 100Ω (Figure 1)
3
V
Output Common-Mode Range
SD = 5V or Power Off
q
±10
V
Single-Ended Driver Output Voltage
No Load
q
±4.0
V
RL = 400Ω
q
±3.4
V
Input High Voltage
All Logic Input Pins
q
2.0
V
Input Low Voltage
All Logic Input Pins
q
0.8
V
Input Current
All Logic Input Pins
q
±1
±20
µA
Three-State Output Current
SD = 5V or Power Off, – 10V < VO < 10V
q
±2
±100
µA
Driver Short-Circuit Current
– 5V < VO < 5V
q
35
350
500
mA
Receiver Input Resistance
– 7V < VIN < 7V
q
12
k
VOH
Receiver Output High Voltage
IO = – 4mA
q
3.5
V
VOL
Receiver Output Low Voltage
IO = 4mA
q
0.4
V
Receiver Output Short-Circuit Current
0V < VO < 5V
q
785
mA
Receiver Output Three-State Current
0V < VO < 5V
q
±2
±100
µA
Differential Receiver Threshold Voltage
– 7V < VCM < 7V
q
– 200
200
mV
Differential Receiver Input Hysteresis
– 7V < VCM < 7V
70
mV
Single-Ended Receiver Input Low Voltage
q
0.8
V
Single-Ended Receiver Input High Voltage
q
2V
IDD
Supply Current
No Load, SD = 0V
q
1.2
3.0
mA
No Load, SD = 5V
q
30
350
µA
ISS
Supply Current
No Load, SD = 5V
q
2
350
µA
DC ELECTRICAL CHARACTERISTICS V
S = ±5V ±5%, TA = 0°C to 70°C (Notes 2, 3)
1
2
3
4
5
6
7
8
9
TOP VIEW
18
17
16
15
14
13
12
11
10
TXD
TXI
TXDEN
SD
RXEN
RXO
RXO
RXDO
GND
VDD
TXD
TXD+
TXO
VSS
RXI
RXI
RXD
RXD+
S PACKAGE
18-LEAD PLASTIC SOL
LTC1320 • PO01
TJMAX = 150°C, θJA = 100°C/W
Consult factory for Industrial and Military grade parts.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com