Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LT1352 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1352
Description  Dual and Quad 250A, 3MHz, 200V/s Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1352 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1352 Datasheet HTML 5Page - Linear Technology LT1352 Datasheet HTML 6Page - Linear Technology LT1352 Datasheet HTML 7Page - Linear Technology LT1352 Datasheet HTML 8Page - Linear Technology LT1352 Datasheet HTML 9Page - Linear Technology LT1352 Datasheet HTML 10Page - Linear Technology LT1352 Datasheet HTML 11Page - Linear Technology LT1352 Datasheet HTML 12Page - Linear Technology LT1352 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1352/LT1353
13523fa
TYPICAL PERFORMANCE CHARACTERISTICS
Small-Signal Transient
(AV = 1)
Small-Signal Transient
(AV = – 1)
Small-Signal Transient
(AV = – 1, CL = 1000pF)
1352/53 G33
1352/53 G32
1352/53 G31
Large-Signal Transient
(AV = 1)
Large-Signal Transient
(AV = – 1)
Large-Signal Transient
(AV = 1, CL = 10,000pF)
1352/53 G36
1352/53 G35
1352/53 G34
APPLICATIONS INFORMATION
Layout and Passive Components
The LT1352/LT1353 amplifiers are easy to use and toler-
ant of less than ideal layouts. For maximum performance
(for example, fast 0.01% settling) use a ground plane,
short lead lengths and RF-quality bypass capacitors (0.01
µF
to 0.1
µF). For high drive current applications use low ESR
bypass capacitors (1
µF to 10µF tantalum).
The parallel combination of the feedback resistor and
gain setting resistor on the inverting input can combine
with the input capacitance to form a pole which can cause
peaking or even oscillations. If feedback resistors greater
than 10k are used, a parallel capacitor of value, CF >
(RG)(CIN/RF), should be used to cancel the input pole and
optimize dynamic performance. For applications where
the DC noise gain is one and a large feedback resistor is
used, CF should be greater than or equal to CIN. An
example would be an I-to-V converter as shown in the
Typical Applications section.
Capacitive Loading
The LT1352/LT1353 are stable with any capacitive load.
As the capacitive load increases, both the bandwidth and
phase margin decrease so there will be peaking in the
frequency domain and in the transient response. Graphs
of Frequency Response vs Capacitive Load, Capacitive
Load Handling and the transient response photos clearly
show these effects.
Input Considerations
Each of the LT1352/LT1353 inputs is the base of an NPN
and a PNP transistor whose base currents are of opposite
polarity and provide first-order bias current cancellation.
Because of variation in the matching of NPN and PNP beta,
the polarity of the input bias current can be positive or
negative. The offset current does not depend on NPN/PNP
beta matching and is well controlled. The use of balanced
source resistance at each input is recommended for



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com