Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TLP51F Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # TLP51F
Description  Protect It 230V Surge Protector with 5 French/Belgian Outlets, 1M Cord, 280 Joules,French plug, Diagnostic LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

TLP51F Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  TLP51F Datasheet HTML 1Page - Tripp Lite. All Rights Reserved TLP51F Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Protect It! 230V Surge Protector with 5
French/Belgian Outlets, 1M Cord, 280 Joules,
French plug, Diagnostic LED
MODEL NUMBER: TLP51F
Description
Tripp Lite's Protect It!™ TLP51F offers economical AC surge suppression for full protection of 220-250V home computers, printers, scanners, and desk lamps.
The TLP51F offers 5 "French" Type E outlets and a 1 meter AC line cord. Internal safety covers protect against accidental contact with unused outlets.
Features
Protect It!™ TLP51F offers economical AC surge suppression
280 joules AC surge suppression shields equipment from surges and line noise
5 "French" Type E outlets protect computers and peripherals
1 m cord with French plug
"Protected" LED
Internal safety covers protect against accidental contact with unused outlets
Specifications
OUTPUT
Output Receptacles
(5) French/Belgian
Output (Watts)
2300
Circuit Breaker (amps)
10
Transformer Accommodation
3
USB Charging
No
INPUT
Highlights
5 safety outlets
1 m cord
"Protected" LED
280 joule rating
Applications
Ideal for home computers, printers,
scanners, and desk lamps.
Package Includes
TLP51F surge suppressor
Instruction manual and product
warranty information
1 / 2


Similar Part No. - TLP51F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP511GA TOSHIBA-TLP511GA Datasheet
209Kb / 3P
gaas ired & photo-thyristor
TLP512 TOSHIBA-TLP512 Datasheet
174Kb / 7P
Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Transistor Inverter
TLP512 TOSHIBA-TLP512 Datasheet
201Kb / 7P
Digital Logic Ground Isolation
TLP512 TOSHIBA-TLP512_07 Datasheet
201Kb / 7P
Digital Logic Ground Isolation
logo
Tripp Lite. All Rights ...
TLP51D TRIPPLITE-TLP51D Datasheet
488Kb / 2P
Protect It 230V Surge Protector with 5Schuko Type F Outlets, 1M Cord, 280 Joules, German plug,Diagnostic LED
More results

Similar Description - TLP51F

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SUPER6OMNID TRIPPLITE-SUPER6OMNID Datasheet
487Kb / 3P
Protect It 230V 6-Universal Outlet Surge Protector, 1.8M Cord, German/French Plug, 750 Joules
TLP2USBD TRIPPLITE-TLP2USBD Datasheet
493Kb / 3P
Protect It 230V Surge Protector with 2 Schuko Type F Outlets, 0.33M Cord, 380 Joules, German plug
TLP2USBF TRIPPLITE-TLP2USBF Datasheet
491Kb / 3P
Protect It 230V Surge Protector with 2 French/Belgian Outlets, 0.33M Cord, 380 Joules, French plug
TLP51D TRIPPLITE-TLP51D Datasheet
488Kb / 2P
Protect It 230V Surge Protector with 5Schuko Type F Outlets, 1M Cord, 280 Joules, German plug,Diagnostic LED
TLP61F TRIPPLITE-TLP61F Datasheet
482Kb / 3P
Protect It 230V Surge Protector with 6 French/Belgian Outlets, 2M Cord, 1140 Joules,French plug
TLP82D TRIPPLITE-TLP82D Datasheet
500Kb / 2P
Protect It 230V Surge Protector with 8 Schuko Type F Outlets, German Plug, 2280 Joules
TLP82F TRIPPLITE-TLP82F Datasheet
500Kb / 2P
Protect It 230V Surge Protector with 8 French/Belgian Outlets, French Plug, 2280 Joules
TLP82MASF TRIPPLITE-TLP82MASF Datasheet
505Kb / 3P
Protect It 230V Surge Protector with 8 French/Belgian Outlets, French Plug, 1140 Joules, Tel/Coax Protection
TLP82NSATF TRIPPLITE-TLP82NSATF Datasheet
501Kb / 3P
Protect It 230V Surge Protector with 8 French/Belgian Outlets, French Plug, 2280 Joules, Tel/Coax Protection
SPIKESTIK TRIPPLITE-SPIKESTIK Datasheet
169Kb / 3P
Protect It! Surge Protector with 6 Right-Angle Outlets, 6 ft. (1.83 m) Cord, 540 Joules, Diagnostic LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com