Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TLP82D Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # TLP82D
Description  Protect It 230V Surge Protector with 8 Schuko Type F Outlets, German Plug, 2280 Joules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

TLP82D Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  TLP82D Datasheet HTML 1Page - Tripp Lite. All Rights Reserved TLP82D Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Recommended Electrical Service
230V (220-250V)
Input Connection Type
German
Input Cord Length (ft.)
6
Input Cord Length (m)
2
Voltage Compatibility (VAC)
220-250
USER INTERFACE, ALERTS & CONTROLS
Diagnostic LEDs
Grounded/Protected
SURGE / NOISE SUPPRESSION
AC Suppression Joule Rating
2280
DATALINE SURGE SUPPRESSION
Telephone/DSL Protection
No
Cable (Coax) Protection
No
Network (Ethernet) Protection
No
PHYSICAL
Unit Dimensions (hwd / in.)
12.07 x 4.61 x 1.93
Unit Dimensions (hwd / cm)
30.66 x 11.71 x 4.90
Unit Weight (lbs.)
1.50
Unit Weight (kg)
0.68
Housing Color
Black
Receptacle Color
Black
Metal Case
No
SPECIAL FEATURES
Right-Angle Plug
Yes
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
2 / 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com