Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN302 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN302
Description  The purpose of this note is to familiarize
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN302 Datasheet(HTML) 3 Page - STMicroelectronics

  AN302 Datasheet HTML 1Page - STMicroelectronics AN302 Datasheet HTML 2Page - STMicroelectronics AN302 Datasheet HTML 3Page - STMicroelectronics AN302 Datasheet HTML 4Page - STMicroelectronics AN302 Datasheet HTML 5Page - STMicroelectronics AN302 Datasheet HTML 6Page - STMicroelectronics AN302 Datasheet HTML 7Page - STMicroelectronics AN302 Datasheet HTML 8Page - STMicroelectronics AN302 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AN302
Application examples
3/10
1.2
Example 2: motor control (1)
Figure 4.
Control of a small motor by TRIAC
The designer wishes to control a small high-impedance motor (2500
Ω, for example) by a
TRIAC. He obtains the parts and an operating manual and carries out some tests. The
circuit, based on that in Figure 4, operates as expected at first. However, after one year of
production, the manufacturer complains of low torque in the motor and blames the TRIAC.
What’s happened?
The circuit was designed with a type of TRIAC whose maximum specified holding current IH
was 50 mA. But the TRIACs used for the tests were not worst-case, they were more
sensitive, having IH+ = 13 mA and IH- = 8 mA. The designer based his choice on these
results.
After a year of delivery, the component manufacturer continues to deliver parts which are in
conformity with the specification but less sensitive than before, in fact now IH+ = 40 mA and
IH- = 20 mA, typically.
With these different values the conduction time decreases, the asymmetry is greater as
shown in Figure 5, and the resulting DC component of current causes the motor to gradually
lose torque.
To prevent this kind of difficulty, one must, when designing the circuit, take into account not
the typical value of the sample used but the worst-case value specified by the component
manufacturer.
Figure 5.
Voltage across the TRIAC and current for the motor control
M
Induction motor
I
IH +
V
t
IH –



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com