Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN871 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN871
Description  In power electronics the choice of the switch to be used is always very important
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN871 Datasheet(HTML) 3 Page - STMicroelectronics

  AN871 Datasheet HTML 1Page - STMicroelectronics AN871 Datasheet HTML 2Page - STMicroelectronics AN871 Datasheet HTML 3Page - STMicroelectronics AN871 Datasheet HTML 4Page - STMicroelectronics AN871 Datasheet HTML 5Page - STMicroelectronics AN871 Datasheet HTML 6Page - STMicroelectronics AN871 Datasheet HTML 7Page - STMicroelectronics AN871 Datasheet HTML 8Page - STMicroelectronics AN871 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3/13
AN871 APPLICATION NOTE
Benefits
Due to these specific characteristics and properties SCR’s and triacs offer to the designer substantial ben-
efits such as:
– Easy to drive
– Low consumption drive circuit
– Ideal switch for pulse operation (ex : discharge of capacitor)
– Automatic switching off
– Reverse polarity protection (SCR)
– Bidirectional switch - current and voltage - (triac)
– High ruggedness
EXAMPLES OF APPLICATION
Pulse operation circuits
SCR’s and triacs are really the most suitable switch for high current pulse operations. They provide very
powerful solutions especially in ignition circuits.
Ignition circuits. Used for a very long time (30 years) in small engine ignition, it is today an alternative
solution to meet the new requirements in car ignition. In fact, capacitive discharge ignition circuit provides
a higher efficiency:
– energy save
– low pollution.
The various existing configurations operate similarly: the energy stored in a capacitor is transferred to a
spark gap through a transformer and a SCR.
Figure 3 and 4 show the typical ignition circuits using SCR’s.
Figure 3. Ignition circuit with SCR: storage capacitor connected in series with input voltage source
and pulse transformer
+V
(A)
C
+V
(B)
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com