Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN913 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN913
Description  PWM GENERATION WITH THE ST62 16-BIT AUTO-RELOAD TIMER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN913 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN913 Datasheet HTML 4Page - STMicroelectronics AN913 Datasheet HTML 5Page - STMicroelectronics AN913 Datasheet HTML 6Page - STMicroelectronics AN913 Datasheet HTML 7Page - STMicroelectronics AN913 Datasheet HTML 8Page - STMicroelectronics AN913 Datasheet HTML 9Page - STMicroelectronics AN913 Datasheet HTML 10Page - STMicroelectronics AN913 Datasheet HTML 11Page - STMicroelectronics AN913 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10/12
PWM GENERATION WITH THE ST62 16-BIT AUTO-RELOAD TIMER
inc
x
ld
a,(x)
ld
Lsb_inc1,a
inc
x
ld
a,(x)
ld
Msb_inc2,a
; Second tone
inc
x
ld
a,(x)
ld
Lsb_inc2,a
ldi
drwr,20h
; Rom window with sinus
ret
;***********************END OF DTMF GENERATION************************
;**************************************************************************
;***************************** interrupt routine **************************
;*** timer interrupt ***
it_timer
jrr
0,WaitTone,Break
ld
a,NToSend
jrr
3,NToSend,TelNotFinish
TelLoop:
jrs
1,NToSend,TelLoop; infinit loop for this application note
; after dialing 10 numbers
TelNotFinish:
addi
a,Tel_Num
ld
x,a
ld
a,(x)
call
InitTone
; Initialize the increment tone
ldi
tcr,0ffh
; Reload the counter for 96ms
inc
NToSend
JP
end_tim
Break:
ldi
Lsb_inc1,0
; All data to 0 for no sound.
ldi
Msb_inc1,0
; For other applications, the time break
ldi
Lsb_inc2,0
; could be used for process instead of
ldi
Msb_inc2,0
; calculate nothing
ldi
Lsb_ton1,0
ldi
Msb_ton1,0
ldi
Lsb_ton2,0
ldi
Msb_ton2,0
ldi
tcr,06ah
; Reload the counter for 40ms
end_tim
inc
WaitTone
res
tmz,tscr
; Restart the timer.
reti



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com