Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN969 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN969
Description  SCI COMMUNICATION BETWEEN ST7 AND PC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN969 Datasheet(HTML) 2 Page - STMicroelectronics

  AN969 Datasheet HTML 1Page - STMicroelectronics AN969 Datasheet HTML 2Page - STMicroelectronics AN969 Datasheet HTML 3Page - STMicroelectronics AN969 Datasheet HTML 4Page - STMicroelectronics AN969 Datasheet HTML 5Page - STMicroelectronics AN969 Datasheet HTML 6Page - STMicroelectronics AN969 Datasheet HTML 7Page - STMicroelectronics AN969 Datasheet HTML 8Page - STMicroelectronics AN969 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2/10
SCI COMMUNICATION BETWEEN ST7 AND PC
1 SCI COMMUNICATION
The main features of the SCI communication peripheral are summarized below. Refer to your
ST7 datasheet for more details.
1.1 MAIN FEATURES
The Serial Communication Interface (SCI) offers a flexible means of full-duplex data exchange
with external equipment requiring an industry standard NRZ asynchronous serial data format.
The SCI allows a very wide range of baud rates with different baud rates for transmission and
reception.
For SCI communication, only two signals are needed, one for transmission and the other for
reception. No clock signal is needed as it works in asynchronous mode. Each device has a
Transmit Data Output pin (TDO pin) and a Receive Data Input pin (RDI pin). See Figure 1.
Figure 1. ST7 and SCI interface set-up
The user must be very careful in identifying the use of each pin. This can easily be done
putting the device in transmission and checking with an oscilloscope if a transmission frame is
present or not.
1.2 BAUD RATES
Transmission and reception can be driven by their own baud rate generator. However be
aware that to communicate correctly, the receiver must have a reception baud rate strictly
equal to the transmission baud rate of the transmitter. If not, the communication will be cor-
rupted. As long as this condition is met, a wide range of baud rates is possible.
ST7
SCI Interface
DEVICE
TDO
RDI
RDI
TDO
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com