Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN970 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN970
Description  SPI COMMUNICATION BETWEEN ST7 AND EEPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN970 Datasheet(HTML) 2 Page - STMicroelectronics

  AN970 Datasheet HTML 1Page - STMicroelectronics AN970 Datasheet HTML 2Page - STMicroelectronics AN970 Datasheet HTML 3Page - STMicroelectronics AN970 Datasheet HTML 4Page - STMicroelectronics AN970 Datasheet HTML 5Page - STMicroelectronics AN970 Datasheet HTML 6Page - STMicroelectronics AN970 Datasheet HTML 7Page - STMicroelectronics AN970 Datasheet HTML 8Page - STMicroelectronics AN970 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2/10
SPI COMMUNICATION BETWEEN ST7 AND EEPROM
1 ST7 / EEPROM SPI INTERFACE
This section summarizes the main features of the ST7/EEPROM SPI interface. Please refer to
the ST7 datasheet for more details.
The Serial Peripheral Interface (SPI) allows full-duplex, synchronous, serial communication
between devices. A SPI system may consist of a master and several slaves, or of a system in
which devices may be either master or slave.
There is only one master at any one time.
The Bus signals are:
- The serial clock (SCK).
- The MOSI (Master Out Slave In).
- The MISO (Master In Slave Out).
One more pin, the SS pin (slave select), is needed to select the slave or the master mode for
each device. this can be done in hardware or software mode.
In this application the ST7 is always used as master (SS pin = high level) and configures the
EEPROM mode through an output. The ST7 and SPI interface set-up is shown Figure 1.
During SPI transfer, data is simultaneously transmitted (shifted out serially) and received
(shifted in serially). Data are transmitted MSB first. The serial clock is used to synchronize the
data transfer during a sequence of eight clock pulses.
Figure 1. ST7 and SPI Interface Set-Up
ST7
SPI Interface
EEPROM
SS
SCK
MOSI
MISO
S
VCC
I/O
C
Q
D
M95040
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com