Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN971 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN971
Description  The goal of this application note is to present an practical example
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN971 Datasheet(HTML) 2 Page - STMicroelectronics

  AN971 Datasheet HTML 1Page - STMicroelectronics AN971 Datasheet HTML 2Page - STMicroelectronics AN971 Datasheet HTML 3Page - STMicroelectronics AN971 Datasheet HTML 4Page - STMicroelectronics AN971 Datasheet HTML 5Page - STMicroelectronics AN971 Datasheet HTML 6Page - STMicroelectronics AN971 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2/7
I2C COMMUNICATION BETWEEN ST7 AND M24Cxx EEPROM
1 ST7 I2C INTERFACE
The ST7 I2C peripheral allows multi master and slave communication with bus error manage-
ment. In this application, only single master mode is used without error management. As
polling mode is the most difficult mode to implement, the application is based on this mode,
but it can be easily adapted for interrupt management.
The I2C synchronous communication needs only two signals: SCL (Serial clock line) and SDA
(Serial data line). The corresponding port pins have to be configured as floating inputs.
Please refer to the ST7 datasheet for more details.
1.1 COMMUNICATION SPEED
The ST7 I2C peripheral allows a large range of communication speeds. It is able to work in
standard and fast I2C modes.
In master mode the communication speed is given by the Clock Control Register (CCR). An
example is given in Table 1.
Table 1. Example of Possible I2C Communication Speeds (fCPU=8 MHz)
1.2 START, STOP CONDITION AND ACKNOWLEDGE GENERATION
In master mode, the Start and Stop conditions can be generated by setting the START and
STOP bits in the Control Register (CR).
An Acknowledge is sent after an address or a data byte is received when the ACK bit is set in
the Control Register (CR).
Standard Mode
Fast Mode
Speed [KHz]
15.5
25.00
50.00
70.00
100.00
167.00
190.00
333.00
CCR [hex]
EC
9E
4E
37
26
8E
8C
86
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com