Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC1545 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1545
Description  Software-Selectable Multiprotocol Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1545 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1545_15 Datasheet HTML 6Page - Linear Technology LTC1545_15 Datasheet HTML 7Page - Linear Technology LTC1545_15 Datasheet HTML 8Page - Linear Technology LTC1545_15 Datasheet HTML 9Page - Linear Technology LTC1545_15 Datasheet HTML 10Page - Linear Technology LTC1545_15 Datasheet HTML 11Page - Linear Technology LTC1545_15 Datasheet HTML 12Page - Linear Technology LTC1545_15 Datasheet HTML 13Page - Linear Technology LTC1545_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC1545
APPLICATIONS INFORMATION
Figure 12. V.10 Receiver Input Impedance
Figure 13. V.10 Receiver Configuration
Figure 14. Typical V.11 Interface
R3
124
R5
20k
LTC1344A
LTC1543
LTC1545
RECEIVER
1545 F15
A
B
A
'
B
'
C
'
R1
51.5
R8
6k
S2
S3
R2
51.5
R6
10k
R7
10k
GND
R4
20k
S1
IZ
VZ
–10V
–3.25mA
3.25mA
–3V
3V
10V
1545 F12
R5
20k
LTC1545
RECEIVER
1545 F13
A
B
A
'
B
'
C
'
R8
6k
S3
R6
10k
R7
10k
GND
R4
20k
AA
'
B
C
B
'
C
'
GENERATOR
BALANCED
INTERCONNECTING
CABLE
LOAD
CABLE
TERMINATION
RECEIVER
100
MIN
1545 F14
AA
'
CC
'
GENERATOR
BALANCED
INTERCONNECTING
CABLE
LOAD
CABLE
TERMINATION
RECEIVER
1545 F11
Figure 11. Typical V.10 Interface
Figure 15. V.11 Receiver Configuration
In V.11 mode, all switches are off except S1 inside the
LTC1344A which connects a 103
Ω differential termina-
tion impedance to the cable as shown in Figure 15.
V.28 (RS232) Interface
A typical V.28 unbalanced interface is shown in Figure 16.
A V.28 single-ended generator output A with ground C is
connected to a single-ended receiver with input A
' con-
nected to A, ground C
' connected via the signal return
ground C.
In V.28 mode, all switches are off except S3 inside the
LTC1543/LTC1545 which connects a 6k (R8) impedance
to ground in parallel with 20k (R5) plus 10k (R6) for a
combined impedance of 5k as shown in Figure 17. The
noninverting input is disconnected inside the LTC1543/
LTC1545 receiver and connected to a TTL level reference
voltage for a 1.4V receiver trip point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com