Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN1077 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1077
Description  OVERVIEW OF ENHANCED CAN CONTROLLERS FOR ST7 AND ST9 MCUS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1077 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1077 Datasheet HTML 1Page - STMicroelectronics AN1077 Datasheet HTML 2Page - STMicroelectronics AN1077 Datasheet HTML 3Page - STMicroelectronics AN1077 Datasheet HTML 4Page - STMicroelectronics AN1077 Datasheet HTML 5Page - STMicroelectronics AN1077 Datasheet HTML 6Page - STMicroelectronics AN1077 Datasheet HTML 7Page - STMicroelectronics AN1077 Datasheet HTML 8Page - STMicroelectronics AN1077 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5/14
OVERVIEW OF ENHANCED CAN CONTROLLERS FOR ST7 AND ST9 MCUS
ciently. Therefore software solutions are usually implemented, consuming CPU resources and
making the application less independent from the CAN bus traffic.
The Overall Tasks of the CAN Interface
Considering the receiver part of the CAN interface the following tasks have to be performed:
s
Message checking, error handling and acknowledgement. This task is fully handled by the
CAN protocol implemented in all CAN controllers
s
Message filtering indicates receptions addressed to the application and discards the other
ones. This task is partially done by hardware but software filtering is often needed. The CPU
resources consumed for software filtering depends on the CAN bus traffic. This means that
the ECU performance is influenced by events not related to the application. This can make
the modification of an entire system or the integration of the ECU in another network very
critical.
s
Identifier recognition. Once a message has passed through the filters its content must be
identified in order to compute the destination address the data must be stored to.
s
Signal extraction. To optimize the bandwidth usage of the CAN bus, the signals are
concatenated to have more data transmitted in each message. Thus on message reception
the application must extract the signals it is interested in.
s
Signal storage in RAM
2 CAN CONTROLLER SOLUTIONS
2.1 TRADE-OFF BETWEEN COSTS AND EFFICIENCY
Nowadays CAN controllers can be classified in two main families:
s
BasicCAN
This approach provides only few mailboxes for message transmission and reception. This so-
lution allows very compact implementations on silicon.
Advantages:
– Very cost-effective and therefore well suited to 8-bit microcontrollers
Drawbacks:
– Requires CPU resources for filtering, identifier recognition and signal storage
– High software real-time constraints on message reception
s
FullCAN This approach provides more mailboxes than messages to handle. In the past, 16
mailboxes were sufficient, today 32 or 64 are standard. Advantages:
s
Autonomous message filtering
s
One static identifier per mailbox



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com