Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN1322 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1322
Description  This application note provides information
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1322 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1322 Datasheet HTML 1Page - STMicroelectronics AN1322 Datasheet HTML 2Page - STMicroelectronics AN1322 Datasheet HTML 3Page - STMicroelectronics AN1322 Datasheet HTML 4Page - STMicroelectronics AN1322 Datasheet HTML 5Page - STMicroelectronics AN1322 Datasheet HTML 6Page - STMicroelectronics AN1322 Datasheet HTML 7Page - STMicroelectronics AN1322 Datasheet HTML 8Page - STMicroelectronics AN1322 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5/9
MIGRATING AN APPLICATION FROM ST7263 REV.B TO ST7263B
4.1.3 Option Byte and Miscellaneous Register Programming
Table 3. ST7263B Configuration for ST7263 Rev.B Upward Compatibility
Table 4. Internal Frequency Configuration
4.2 PERIPHERALS
The I²C and USB peripherals are fully software compatible as long as the application software
has been recompiled with an updated register map.
4.2.1 Serial Communications Interface (SCI) (Not upward compatible)
Certain new features such as the power down and parity generation/check functions have
been added and are controlled by bits that were unused on the ST7263 Rev. B. As long as the
following 5 bits are set to 0 on the ST7263 Rev.B software, they are directly upward compat-
ible when recompiled with an updated register map.
The new parity management feature in the ST7263B requires the following configuration in
both Transmission and Reception modes:
In the SCICR1 register,
– Bit 5 = SCID SCI Disabled
When this bit is set, the SCI cell is disabled and power consumption is reduced.
– Bit 2 = PCE Parity Control Enable
Select the hardware parity control. In transmission, parity is inserted at the MSB position,
and parity is checked in Reception mode.
– Bit 1 = PS Parity Selection
Even (0) or Odd (1)
– Bit 0 = PIE Parity Interrupt Enable
Generates an interrupt when a parity error is detected.
ST7263 Rev. B
Configuration
Equivalent ST7263B Configuration
LVD
(MISCR)
CLKDIV
(MISCR)
SMS
(MISCR)
Option Byte
WDGSW
LVD
OSC24/12
WDHALT
FMP_R
0
0
0
1
0
0
0
1
0
1
0
1
0
1
0
1
1
0
0
1
1
0
0
1
1
1
0
1
1
1
0
1
Quartz
OSC24/12
Option Byte (Bit 1)
Slow Mode
MISCR (Bit 2)
FCPU
FUSB
24 MHz
0
0
8 MHz
6 MHz
24 MHz
0
1
4 MHz
6 MHz
12 MHz
1
0
4 MHz
6 MHz
12 MHz
1
1
2 MHz
6 MHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com