Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN1464 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN1464
Description  LOW-COST DOUBLE LI-ION BATTERY CHARGER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1464 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN1464 Datasheet HTML 5Page - STMicroelectronics AN1464 Datasheet HTML 6Page - STMicroelectronics AN1464 Datasheet HTML 7Page - STMicroelectronics AN1464 Datasheet HTML 8Page - STMicroelectronics AN1464 Datasheet HTML 9Page - STMicroelectronics AN1464 Datasheet HTML 10Page - STMicroelectronics AN1464 Datasheet HTML 11Page - STMicroelectronics AN1464 Datasheet HTML 12Page - STMicroelectronics AN1464 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
9/27
LOW-COST DOUBLE LI-ION BATTERY CHARGER USING ST6255C/ST6265C MCU
ST6 pins are open-drain outputs, so
Here, unlike previous equations, (VBE)SAT and (VCE)SAT refer to the NPN transistor values.
RPWM guarantees that (IS + IEN)/IPWM ≤ 10 even if (IS + IEN) is maximum.
Voh is the output high voltage of the ST6 pin emitting the PWM signal.
Example with the evaluation board hardware:
At maximum current (IS = 65 mA), typical values are (VBE)SAT = 0.9 V and (VCE)SAT = 0.1 V.
For IPWM = 7 mA, VOH = 4 V typically (cf. ST6 datasheet).
REN = 620 Ω and RPWM = 430 meet the requirements.
2.2.1 Measurement Circuitry
A shunt (RS) is connected to the battery in order to measure the charging current. The MCU
reads the VS voltage with its on-chip A/D converter. The converter has a voltage range be-
tween ground and VDD. When VS is too low, like in this case, an amplification circuit is needed,
e.g. with an OpAmp.
In our case, Vsupply = 6 V and the microcontroller is supplied with VDD = 5 V. Therefore, it is
safer not to read Vbat directly, but to attenuate this voltage by using a resistor bridge (Ra, Rb).
However, this attenuation must not be too strong to take maximum profit of the whole ADC
input range (0 to VDD). This must be taken into account when choosing a proper Ra/Rb ratio.
Note that the ST6 does not measure VBAT but VB, which is proportional to (VBAT +RS*IBAT).
Some calculation must be performed on the conversion results to access the real battery
voltage.
2.2.2 Battery Discharge Protection
If the charger is not powered on or if the battery is already fully charged, the PNP transistor is
kept permanently off. The diode prevents the battery from discharging into the capacitor.
Therefore, the battery discharges into RA, RB and RS, which requires less current.
2.2.3 Power Supply Restrictions
The battery characteristics have a direct influence on the choice of the DC power supply:
– The supply must be able to drive enough current to charge the battery, even in fast charge
mode.
()
()
EN
sat
CE
sat
BE
dd
EN
R
V
V
V
I
−
−
=
()
PWM
sat
BE
oh
PWM
R
V
V
I
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com