Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN1633 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1633
Description  This application note describes how to implement
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1633 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1633 Datasheet HTML 1Page - STMicroelectronics AN1633 Datasheet HTML 2Page - STMicroelectronics AN1633 Datasheet HTML 3Page - STMicroelectronics AN1633 Datasheet HTML 4Page - STMicroelectronics AN1633 Datasheet HTML 5Page - STMicroelectronics AN1633 Datasheet HTML 6Page - STMicroelectronics AN1633 Datasheet HTML 7Page - STMicroelectronics AN1633 Datasheet HTML 8Page - STMicroelectronics AN1633 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5/9
3 FIRMWARE
A specific firmware example has been developed to illustrate this application note: ST7 USB
LS DFU Demo for non-USB applications.
This firmware has been created starting from the ST7 USB LS DFU Demo firmware, itself
based on the ST7 USB LS Library and ST7 USB LS EvalKit.
The main changes concern the size optimization of the USB Library and the DFU layer in
order to use a little space as possible in Sector 0. Currently the space required by the USB Li-
brary and the DFU layer is around 2 Kbytes. This optimization leaves 2 Kbytes of code for run-
ning the application during the DFU process or using it for code that does not need to be up-
graded.
This firmware is compatible with Cosmic and Metrowerks compilers.
3.1 MAIN APPLICATION FUNCTION EXAMPLE
void main(void) {
Init_Appli();
while (1) {
// MANDATORY: USED TO GO INTO DFU MODE WHEN THE USB CABLE IS PLUGGED
if (ValBit(PBDR, 5)) { // Check if Vbus is present ?
Stop_Appli();
WDGCR = 0x80; // MCU Reset
}
else {
Application();
}
} // End of while
} // End of main
3.2 DEVICE INFORMATION EXAMPLE
As the application is non-USB, we don’t have the USB descriptors. The descriptors normally
contain strings like: Manufacturer name, Product name, firmware version, ...
Because it is very useful to know which product is connected to the USB, a kind of string de-
scriptor has been created in this project.
The principle is very simple: a fixed table contains the address and the size of these string de-
scriptors (for example the Product name and its version). The host retreives this information
using a DFU_UPLOAD request. It is then possible to display these strings on a Graphical User
Interface.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com