Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LT3003 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3003
Description  3-Channel LED Ballaster with PWM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3003 Datasheet(HTML) 2 Page - Linear Technology

  LT3003 Datasheet HTML 1Page - Linear Technology LT3003 Datasheet HTML 2Page - Linear Technology LT3003 Datasheet HTML 3Page - Linear Technology LT3003 Datasheet HTML 4Page - Linear Technology LT3003 Datasheet HTML 5Page - Linear Technology LT3003 Datasheet HTML 6Page - Linear Technology LT3003 Datasheet HTML 7Page - Linear Technology LT3003 Datasheet HTML 8Page - Linear Technology LT3003 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT3003
2
3003fa
ELECTRICAL CHARACTERISTICS
PACKAGE/ORDER INFORMATION
ABSOLUTE MAXIMUM RATINGS
VIN ............................................................................40V
LED1, LED2, LED3 ....................................................48V
VMAX, SHDN..............................................................48V
VIN – VEE ...................................................................36V
VEE ............................................................................36V
PWM.........................................................................15V
OT1, OT2.....................................................................6V
Operating Junction Temperature Range
(Notes 2, 3, 4)........................................ –40°C to 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. PWM = 1V, VMAX = 4V, VIN = 3V, VEE = 0V, ILED2 = 100mA,
OT1 = OT2 = Open, SHDN = VIN.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Operational Input Voltage
VEE = 0V, ILED1,2,3 = 100mA
VEE = 4V, ILED1,2,3 = 100mA
●
336
40
V
V
Minimum (VIN – VEE)VEE = 0V to 36V
2.7
3
V
VIN Quiescent Current
PWM = 1V, ILED1,2,3 = 100mA
PWM = 0V, VLED1 = VLED2 = VLED3
10.5
470
600
mA
µA
VIN Shutdown Current
SHDN = 0V, ILED1,2,3 = 0mA
2
4
10
µA
VMAX Quiescent Current
PWM = 1V, ILED2 = 100mA
PWM = 0V, VLED1 = VLED2 = VLED3
55
20
90
300
µA
nA
SHDN Pin Threshold
ILED2 = 100mA, VLED1 = VLED2 = VLED3
●
0.25
0.7
1
V
LED Current Matching
ILED2 = 350mA, VLED1 = VLED2 = VLED3
–3
0
+3
%
|LED2 – LED1|, |LED2 – LED3| LED Current
Matching with LED Pin Voltage Mismatch
ILED2 = 350mA,
(|VLED2 – VLED1| + |VLED2 – VLED3|) = 700mV
–3.5
0.5
+3.5
%
LED Pin Voltage
ILED2 = 100mA
0.7
0.8
0.9
V
LED1, LED2, LED3 Maximum Current
VLED1,2,3 < 1.5V
375
500
550
mA
LED1, LED2, LED3 Maximum Leakage Current
PWM = 0V, VLED1,2,3 = 48V
0.1
1
µA
PWM Switching Threshold
ILED1,2,3 = 100mA
●
0.3
0.5
0.7
V
Turn-On Delay (PWM On to ILED On)
PWM = 0V to 1V, ILED > 50mA
2
µs
VEE Pin Current in Buck Mode
PWM = 0V, VMAX = 40V, VIN = 39V, VEE = 36V
0.1
1
µA
Overtemperature Sense Point (OT1, OT2)
(Note 4)
125
°C
Overtemperature Hysteresis Point
(Note 5)
–6° from Overtemp
Sense Point
°C
OT1 Pull-Down Current
OT1 = 0.3V (Note 4)
100
µA
1
2
3
4
5
LED1
LED2
LED3
VMAX
VIN
10
9
8
7
6
VEE
SHDN
OT2
OT1
PWM
TOP VIEW
11
MSE PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 35°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
ORDER PART NUMBER
MSE PART MARKING
LT3003EMSE
LTCFF
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com