Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD63GS Datasheet(PDF) 45 Page - NEC

Part # UPD63GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD63GS Datasheet(HTML) 45 Page - NEC

Back Button UPD63GS Datasheet HTML 41Page - NEC UPD63GS Datasheet HTML 42Page - NEC UPD63GS Datasheet HTML 43Page - NEC UPD63GS Datasheet HTML 44Page - NEC UPD63GS Datasheet HTML 45Page - NEC UPD63GS Datasheet HTML 46Page - NEC UPD63GS Datasheet HTML 47Page - NEC UPD63GS Datasheet HTML 48Page - NEC UPD63GS Datasheet HTML 49Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
45
µPD63, 63A, 64
MOV T, @R0
<1> Instruction code
: 0 01111111 1
<2> Cycle count
: 1
<3> Function
: (T)
← ((P13), (R0))
Transfers the program memory contents to the timer register T (t9 to t0) specified with the control register
P13 and the register pair R10-R00.
The program memory, which consists of 10 bits, is placed in the following state after the transfer to the
register.
t9
t8
t7
t6
t5
t4
t3
t2
t1
t0
T1
T0
t1
t0
t9
t8
t7
t6
t5
t4
t3
t2
@R0
→
Program memory
Timer
T
The high-order 2 bits of the program memory address are specified with the control register (P13).
Caution When setting a timer value in the program memory, ensure to use the DT directive.
9.10 Others
HALT #data4
<1> Instruction code
: 0 00101000 1
: 0 00000 d3 d2 d1 d0
<2> Cycle count
: 1
<3> Function
: Sandby mode
Places the CPU in standby mode.
The condition for having the standby mode (HALT/STOP mode) canceled is specified with the immediate
data.
STTS R0n
<1> Instruction code : 0 00110 R3 R2 R1R0
<2> Cycle count
: 1
<3> Function
: if statuses match
F
← 1
else
F
← 0 n = 0 to F
Compares the S0, S1, KI/O, KI, and TIMER statuses with the register R0n contents. If at least one of the
statuses coincides with the bits that have been set, the status flag F is set (to 1).
If none of them coincide, the status flag F is cleared (to 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com