Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN1827 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1827
Description  IMPLEMENTATION OF SIGMA-DELTA ADC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1827 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1827 Datasheet HTML 1Page - STMicroelectronics AN1827 Datasheet HTML 2Page - STMicroelectronics AN1827 Datasheet HTML 3Page - STMicroelectronics AN1827 Datasheet HTML 4Page - STMicroelectronics AN1827 Datasheet HTML 5Page - STMicroelectronics AN1827 Datasheet HTML 6Page - STMicroelectronics AN1827 Datasheet HTML 7Page - STMicroelectronics AN1827 Datasheet HTML 8Page - STMicroelectronics AN1827 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4/11
IMPLEMENTATION OF SIGMA-DELTA ADC WITH ST7FLITE05/09
2 REALISATION WITH THE USE OF THE MICROCONTROLLER ST7FLITE05(09)
The practical realisation of the Sigma-Delta converter has been used with our passive infrared
detector. A sensor of passive infrared characterises with a low output voltage (below 10mV)
as well as with a usable range of frequencies from 0,2Hz to 7Hz. Therefore the Sigma-Delta
converter is a perfect solution. It provides an accurate enough conversion of a signal into its
digital form with use of a minimal number of external elements. That means simplicity of con-
struction, relatively low production costs and good using properties.
Figure 3 presents the block diagram of the detector.
Figure 3. ST7FLITE05 interfacing with PIR Sensor
A signal from the sensor passes through the capacitor to the input of the converter. The A/D
converter has been used as a comparator in the microcontroller as well as the source of the
reference voltage. By enabling the internal x8 amplifier, the amplitude of an output signal has
been decreased 20 times to provide correct operation of the amplifier. This allows a decrease
in the resistors’ value span in the same ratio and to increase the operational accuracy of the
A/D converter working as a comparator. Additionally the temperature compensation of sensi-
tivity has been introduced.
Figure 4 shows the work algorithm of the Sigma-Delta converter.
POWER
PB 4
x8
PB 1
ADC
ANALOG
INPUT
PB 0
ANALOG
INPUT
OUTPUT
VCC
VCC
ST7FLITE05
PA 6
PA 5
PA 4
PA 1
TP
PA 0
CONFIGURATION
PA 7
OUTPUT
SERIAL OUTPUT
VCC
LD2980
ELEMENT PIR
REL



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com