Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC3429B Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3429B
Description  600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3429B Datasheet(HTML) 2 Page - Linear Technology

  LTC3429B Datasheet HTML 1Page - Linear Technology LTC3429B Datasheet HTML 2Page - Linear Technology LTC3429B Datasheet HTML 3Page - Linear Technology LTC3429B Datasheet HTML 4Page - Linear Technology LTC3429B Datasheet HTML 5Page - Linear Technology LTC3429B Datasheet HTML 6Page - Linear Technology LTC3429B Datasheet HTML 7Page - Linear Technology LTC3429B Datasheet HTML 8Page - Linear Technology LTC3429B Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC3429/LTC3429B
2
3429fa
VIN Voltage .............................................. –0.3V to 4.4V
SW Voltage ................................................. – 0.3V to 6V
SHDN, FB Voltage ....................................... – 0.3V to 6V
VOUT ........................................................... – 0.3V to 6V
Operating Temperature Range (Note 2) .. – 40°C to 85°C
Storage Temperature Range ................... – 65°C to 150°
Lead Temperature (Soldering, 10 sec).................. 300°C
ORDER PART
NUMBER
S6 PART MARKING
TJMAX = 125°C, θJC = 102°C/W
LTH5
LTBMS
LTC3429ES6
LTC3429BES6
(Note 1)
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC3429ES6/LTC3429BES6 are guaranteed to meet
performance specifications from 0°C to 70°C. Specifications over the
–40°C to 85°C operating temperature range are assured by design,
characterization and correlation with statistical process controls.
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 1.2V, VOUT = 3.3V, unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Start-Up Voltage
ILOAD = 1mA, VOUT = 0V
0.85
1
V
Minimum Operating Voltage
SHDN = VIN (Note 3)
0.5
0.65
V
Output Voltage Adjust Range
(Note 5)
2.5
5
V
Feedback Voltage
●
1.192
1.230
1.268
V
Feedback Input Current
VFB = 1.25V
1
50
nA
Quiescent Current (Burst Mode Operation)
VFB = 1.4V (Note 4)
20
30
µA
Quiescent Current (Shutdown)
VSHDN = 0V, Not Including Switch Leakage, VOUT = 0V
0.01
1
µA
Quiescent Current (Active)
Measured on VOUT, Nonswitching
380
550
µA
NMOS Switch Leakage
VSW = 5V
0.1
5
µA
PMOS Switch Leakage
VSW = 5V, VOUT = 0V
0.1
5
µA
NMOS Switch On Resistance
0.35
Ω
PMOS Switch On Resistance
0.45
Ω
NMOS Current Limit
600
850
mA
Burst Mode Operation Current Threshold
L = 4.7µH (LTC3429 Only)
1.25
mA
Current Limit Delay to Output
40
ns
Max Duty Cycle
VFB = 1.15V
●
80
90
%
Switching Frequency
●
380
500
620
kHz
SHDN Input High
1V
SHDN Input Low
0.35
V
SHDN Input Current
VSHDN = 5.5V
0.01
1
µA
Soft-Start Time
SHDN to 90% of VOUT
2.5
ms
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
Note 3: Minimum VIN operation after start-up is only limited by the
battery’s ability to provide the necessary power as it enters a deeply
discharged state.
Note 4: Burst Mode operation IQ is measured at VOUT. Multiply this value
by VOUT/VIN to get the equivalent input (battery) current.
Note 5: For applications where VOUT > 4.3V, an external Schottky diode is
required. See the Applications Information.
SW 1
GND 2
FB 3
6 VIN
5 VOUT
4 SHDN
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
Consult LTC Marketing for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com