Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

N252012 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N252012
Description  12-Port 1U Rack-Mount Cat6/Cat5 110 Patch Panel 568B, RJ45 Ethernet
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N252012 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N252012 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N252012 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12-Port 1U Rack-Mount Cat6/Cat5 110 Patch Panel
568B, RJ45 Ethernet
MODEL NUMBER: N252-012
Description
Tripp Lite's Category 6 Patch Panels offer you all the functionality and compatibility as any name brand. Each panel comes with 110-type termination, while
meeting and exceeding EIA/TIA TSB-40 Cat6 connecting hardware specifications. Color coded for both EIA/TIA 568A & 568B installations. 12 ports ensure a
wide range of plug-n-play options. The clear numbering on both the front and back of each panel gives you a quick and easy way to identify cable runs and
the high density 19in panel design will save you valuable space in on the rack.
Features
Category 6
UL approved
Ports clearly numbered both on front and back
Labels on front enable each port to be named
Metal frame
EIA/TIA 2/32 spacing
Rack mountable on a 19 rack (1U of space)
Specifications
OVERVIEW
Cable Type
Cat6/6a
PHYSICAL
Color
Black
CONNECTIONS
Highlights
19 in. rackmount ready, 1U (
1.75" )
EIA/TIA 2/32 spacing
110 type punchdown termination
Compliant with the Federal Trade
Agreements Act (TAA) for GSA
Schedule purchases
Package Includes
Cat6 Patch Panel 568B-12 Port,
1U
1 / 2


Similar Part No. - N252012

ManufacturerPart #DatasheetDescription
logo
3M Electronics
N2520-5002-RB 3M-N2520-5002-RB Datasheet
364Kb / 5P
4-Wall Header
25-Aug-2005
N2520-5003-RB 3M-N2520-5003-RB Datasheet
364Kb / 5P
4-Wall Header
25-Aug-2005
N2520-50K2-RB 3M-N2520-50K2-RB Datasheet
364Kb / 5P
4-Wall Header
25-Aug-2005
logo
Tripp Lite. All Rights ...
N252024 TRIPPLITE-N252024 Datasheet
479Kb / 2P
24-Port 1U Rack-Mount Cat6/Cat5 110 Patch Panel, 568B, RJ45 Ethernet
N252024HU TRIPPLITE-N252024HU Datasheet
480Kb / 2P
24-Port 0.5U Rack-Mount Cat6/Cat5 110 Patch Panel 568B, RJ45 Ethernet
More results

Similar Description - N252012

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N052012 TRIPPLITE-N052012 Datasheet
475Kb / 2P
12-Port 1U Rack-Mount Cat5e 110 Patch Panel, 568B, RJ45 Ethernet
N252024 TRIPPLITE-N252024 Datasheet
479Kb / 2P
24-Port 1U Rack-Mount Cat6/Cat5 110 Patch Panel, 568B, RJ45 Ethernet
N252024HU TRIPPLITE-N252024HU Datasheet
480Kb / 2P
24-Port 0.5U Rack-Mount Cat6/Cat5 110 Patch Panel 568B, RJ45 Ethernet
N252024V TRIPPLITE-N252024V Datasheet
485Kb / 2P
24-Port 1U Rack-Mount Cat6/Cat5 V-Shaped 110 Patch Panel 568B, RJ45 Ethernet
N252048 TRIPPLITE-N252048 Datasheet
490Kb / 2P
48-Port 2U Rack-Mount Cat6/Cat5 110 Patch Panel, 568B, RJ45 Ethernet
N2520481U TRIPPLITE-N2520481U Datasheet
478Kb / 2P
48-Port 1U Rack-Mount Cat6/Cat5 High Density 110 Patch Panel, 568B, RJ45 Ethernet
N252-012 TRIPPLITE-N252-012 Datasheet
154Kb / 2P
12-Port 1U Rack-Mount Cat6/Cat5 110 Patch Panel 568B, RJ45 Ethernet, TAA
N252-024 TRIPPLITE-N252-024 Datasheet
155Kb / 2P
24-Port 1U Rack-Mount Cat6/Cat5 110 Patch Panel, 568B, RJ45 Ethernet, TAA
N252-024-HU TRIPPLITE-N252-024-HU Datasheet
157Kb / 2P
24-Port 0.5U Rack-Mount Cat6/Cat5 110 Patch Panel 568B, RJ45 Ethernet, TAA
N252-048-1U TRIPPLITE-N252-048-1U Datasheet
157Kb / 2P
48-Port 1U Rack-Mount Cat6/Cat5 High Density 110 Patch Panel, 568B, RJ45 Ethernet, TAA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com