Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2148 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2148
Description  STOTG04 IN AUDIO CARKIT ENVIRONMENT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2148 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2148 Datasheet HTML 1Page - STMicroelectronics AN2148 Datasheet HTML 2Page - STMicroelectronics AN2148 Datasheet HTML 3Page - STMicroelectronics AN2148 Datasheet HTML 4Page - STMicroelectronics AN2148 Datasheet HTML 5Page - STMicroelectronics AN2148 Datasheet HTML 6Page - STMicroelectronics AN2148 Datasheet HTML 7Page - STMicroelectronics AN2148 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AN2148 - APPLICATION NOTE
3/8
The carkit connection architecture is shown in the two figures below. Figure 2 shows the interface
between a phone and a carkit using standard Mini-USB cable.
Figure 3 shows the interface between a phone and a carkit using captive cable with five wires.
Figure 2 : Carkit Four-Wire Interface
Figure 3 : Carkit Five-Wire Interface
V
BUS
D-
D+
ID
GND
SHLD
VBUS
D+
D-
ID
SDA
SCL
RCV
OE_TP_INT/
SE0_VM
DAT_VP
SDA
SCL
RCV
OE_N
VP
VM
RXD
TXD
5V_IN
Power Management
USB-OTG Controller
Phone Processor
USB-OTG Transceiver
Mini-AB
Receptable
SPKR_MIC
SPKR_L
Mini-A
Receptable
V
BUS
D-
D+
ID
GND
SHLD
V
BUS
D-
D+
ID
GND
SHLD
V
BUS
D-
D+
ID
GND
SHLD
SPKR_MIC
SPKR_L
Standard Mini-USB Cable
Carkit Amplifier
CMR
RXD_SDA
TXD_SCL
Carkit Control
Voltage Regulator
5V_OUT
V
BUS
D-
D+
ID
GND
SHLD
VBUS
D+
D-
ID
SDA
SCL
RCV
OE_TP_INT/
SE0_VM
DAT_VP
SDA
SCL
RCV
OE_N
VP
VM
RXD
TXD
5V_IN
Power Management
USB-OTG Controller
Phone Processor
USB-OTG Transceiver
Mini-AB
Receptable
SPKR_MIC
SPKR_L
V
BUS
D-
D+
ID
GND
SHLD
SPKR_MIC
SPKR_L
Carkit Amplifier
CMR
RXD_SDA
TXD_SCL
Carkit Control
Voltage Regulator
5V_OUT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com