Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2197 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2197
Description  Guidelines for migrating
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2197 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2197 Datasheet HTML 5Page - STMicroelectronics AN2197 Datasheet HTML 6Page - STMicroelectronics AN2197 Datasheet HTML 7Page - STMicroelectronics AN2197 Datasheet HTML 8Page - STMicroelectronics AN2197 Datasheet HTML 9Page - STMicroelectronics AN2197 Datasheet HTML 10Page - STMicroelectronics AN2197 Datasheet HTML 11Page - STMicroelectronics AN2197 Datasheet HTML 12Page - STMicroelectronics AN2197 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AN2187
6 Register map
9/13
6
Register map
Registers are strictly identical between ST72F324 & ST72F324B and between ST72F321 &
ST72F321B.
In the ST72F325, some register addresses and bit locations are added for the CSS and the
extra peripherals available in ST72F325 devices.
Note: For easy software migration, two general rules have to be followed:
All “reserved” byte memory areas must never be “read” or “write”.
All “reserved” or “unused” bits must be left unchanged when accessing the byte.
6.1
Register Address
In ST72F325 devices, I2C and 8-bit PWMART are added as new features.
Please, refer to the datasheet for the description of the new features.
Figure 2.
Register Map Modifications
@Block
Register
Label
0018h
to
001Eh
Reserved Area (7 bytes)
0073h
to
007Dh
Reserved Area (7 bytes)
@Block
Register
Label
0018h
0019h
001Ah
001Bh
001Ch
001Dh
001Eh
I2C
I2CCRI
I2CSR1
I2CSR2
I2CCCR
I2COAR1
I2COAR2
I2CDR
0073h
0074h
0075h
0076h
0077h
0078h
0079h
007Ah
007Bh
007Ch
007Dh
PWM ART
PWMDCR3
PWMDCR2
PWMDCR1
PWMDCR0
PWMCR
ARTCSR
ARTCAR
ARTARR
ARTICCSR
ARTICR1
ARTICR2
ST72F324
ST72F325



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com