Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2200 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2200
Description  Guidelines for migrating ST7LITE1x applications to ST7FLITE1xB
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2200 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2200 Datasheet HTML 5Page - STMicroelectronics AN2200 Datasheet HTML 6Page - STMicroelectronics AN2200 Datasheet HTML 7Page - STMicroelectronics AN2200 Datasheet HTML 8Page - STMicroelectronics AN2200 Datasheet HTML 9Page - STMicroelectronics AN2200 Datasheet HTML 10Page - STMicroelectronics AN2200 Datasheet HTML 11Page - STMicroelectronics AN2200 Datasheet HTML 12Page - STMicroelectronics AN2200 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Migrating applications from ST7FLITE1x to ST7FLITE1xB
3 New features in ST7FLITE1xB
9/13
3.2.3
Dead time generation
A programmable dead time can be inserted between PWM0 and PWM1. This is required for
half-bridge driving where PWM signals must not be overlapped.
3.2.4
Long input capture
In addition to the normal Input Capture mode, Long Input Capture is available in ST7FLITE1xB.
Using this mode, pulses that last more than 8us can be measured with an accuracy of 4us. This
configuration allows you to cascade the Lite Timer and the 12-bit AT3 Timer to get a 20-bit Input
Capture value.
3.2.5
One pulse mode
One pulse mode can be used to control PWM2/3 signal with External LTIC pin. This mode is
only available in dual timer mode.
3.2.6
Forced update
In order not to wait for CNTRx overflow to load the value into the active DCRx registers, a
programmable CNTRx overflow is provided. For both counters, a separate bit is provided which
when set makes the counters start with the overflow value i.e. FFFh. After overflow, the
counters start counting from their respective auto reload registers.
3.3
Analog comparator
ST7FLITE1B has an analog comparator and an internal voltage reference. The voltage
reference can be external or internal, selectable under program control. The comparator input
pins, COMPIN+ and COMPIN- are also connected to A/D Converter.
3.3.1
On-chip analog comparator
The analog comparator compares the voltage at the two inputs COMPIN+ and COMPIN- which
are connected to VP and VN at the input of the comparator. When the analog input at
COMPIN+ is less than analog input at COMPIN-, the output of the comparator is 0. When the
analog input at COMPIN+ is greater than analog input at COMPIN- the output of the
comparator is 1.
3.3.2
Programmable internal voltage reference
The voltage reference module can be configured to connect the comparator pin to one of the
following sources:
●
Fixed internal voltage bandgap: The voltage reference module can generate a fixed
voltage reference of 1.2V on the VN input.
●
Programmable internal reference voltage: The internal voltage reference module can
provide 16 distinct internally generated voltage levels from 0.2V to 3.2V each at a step
0.2V on the comparator pin VN.
●
External voltage reference: If you want to have a reference voltage other than the one
generated by the internal voltage reference module, you can connect the COMPIN- to an
external voltage source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com