Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2202 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2202
Description  STR73x microcontroller power management
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2202 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2202 Datasheet HTML 4Page - STMicroelectronics AN2202 Datasheet HTML 5Page - STMicroelectronics AN2202 Datasheet HTML 6Page - STMicroelectronics AN2202 Datasheet HTML 7Page - STMicroelectronics AN2202 Datasheet HTML 8Page - STMicroelectronics AN2202 Datasheet HTML 9Page - STMicroelectronics AN2202 Datasheet HTML 10Page - STMicroelectronics AN2202 Datasheet HTML 11Page - STMicroelectronics AN2202 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AN2202
4 Example application
9/12
4
Example application
4.1
Example hardware
Figure 4 shows an example schematic for using the STR73x power management features.
Figure 4.
Example application schematic
Note: 1 WUP6 is configured as an external interrupt pin, it is used to wake up the MCU from WFI,
LPWFI or STOP mode.
2 P4.6 is used to indicate that the core is running (GPIO toggling) during RUN/SLOW modes.
3 P5.8 is used to enter HALT or SLOW modes. It is used also to exit from SLOW_RC mode.
4.2
Example software
A program is provided with this application note for using the different low power modes, it
includes the following source files:
STR73x
VDD
V18
VDD1=5V
P5.8
P4.6
LED1
XTAL1
XTAL2
15pF
15pF
4MHz
nRSTIN
VBIAS
WUP6
100nF
A
10K
1K
1.3M
10K
100nF
100nF
VDD2=5V
VDD2=5V
100
VDD2=5V
10nF
VDD2=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com