Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2390 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2390
Description  A flexible universal battery charger
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2390 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2390 Datasheet HTML 6Page - STMicroelectronics AN2390 Datasheet HTML 7Page - STMicroelectronics AN2390 Datasheet HTML 8Page - STMicroelectronics AN2390 Datasheet HTML 9Page - STMicroelectronics AN2390 Datasheet HTML 10Page - STMicroelectronics AN2390 Datasheet HTML 11Page - STMicroelectronics AN2390 Datasheet HTML 12Page - STMicroelectronics AN2390 Datasheet HTML 13Page - STMicroelectronics AN2390 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Evaluation board implementation
AN2390
10/42
2.1.1
DC (Buck-Boost) converter component selection
The value of inductor L and capacitor C are selected by the following section. For more
detail please refer to AN2389.
Inductor selection
The minimum value of the inductor can be selected by choosing the maximum of the values
given by the following two formulae:
Here Vsat1 and Vsat2 are the saturation voltages of the two switches Sw1 and Sw2.
Iout and Vout are the maximum output current and voltage respectively.
Vd1 and Vd2 is the voltage drop across diodes d1 and d2.
The duty cycle of the PWM signals driving switch Sw1 (PWM1) and Sw2 (PWM2) are D1
and D2 respectively.
Capacitor selection
The minimum capacitor value can be selected using the following formula to keep the
variation in Vout with in 1%:
In practice we take inductor and capacitor values that are 25% more than the values
calculated using the above formulae.
2.1.2
Battery discharge protection
If the charger is not powered on or if the battery is already fully charged, the PNP transistor
is kept permanently off which isolates the battery from the charger. Because of series diode
available in the buck-boost circuitry there is no reverse current flowing into the charger.
Therefore, the battery discharges into the output capacitor and resistive bridge. This allows
battery voltage measurement while consuming very little current. Also some leakage current
flows through the output capacitor.
T * [ ( Vin - Vsat1) * D1 - Vsat2 * D2 - Vout * (D1 - D2))]
Lmin =
2 * Iout
T * [ Vd1 + Vout] * ( 1 - D1)
Lmin =
2 * Iout
100 * Iout * (1 - D1) * T
Cmin =
Vout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com