Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LT1302 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1302
Description  Micropower High Output Current Step-Up Adjustable and Fixed 5V DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1302 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1302 Datasheet HTML 8Page - Linear Technology LT1302 Datasheet HTML 9Page - Linear Technology LT1302 Datasheet HTML 10Page - Linear Technology LT1302 Datasheet HTML 11Page - Linear Technology LT1302 Datasheet HTML 12Page - Linear Technology LT1302 Datasheet HTML 13Page - Linear Technology LT1302 Datasheet HTML 14Page - Linear Technology LT1302 Datasheet HTML 15Page - Linear Technology LT1302 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1302/LT1302-5
APPLICATIONS INFORMATION
As an example, consider a boost converter with the
following specifications:
VIN = 3V
VOUT = 6V
IOUT = 700mA
Total power loss in the LT1302, assuming R = 0.15
Ω and
VD = 0.45V, is:
Using the CS8 package with 100 sq. mm topside and
backside heat sinking:
∆T = (312mW)(84°C/W) = 25.9°C rise
With the N8 package:
∆T = 31.2°C
At a 70
°C ambient, die temperature would be 101.2°C.
PmA
mW
mW
mW
D =
() ( )
+
−
××


−
+
−
××


+ ()
+−
()
=+
=
700
0 15
60 45
3
07 6 0 15
3
60 45
3
07 6 0 15
3
0 7 6 0 45 3
27
223
89
312
2
2
.
.
..
.
..
..
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com