Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2595 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2595
Description  Designing an application with the ST10F27xZx devices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2595 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2595 Datasheet HTML 10Page - STMicroelectronics AN2595 Datasheet HTML 11Page - STMicroelectronics AN2595 Datasheet HTML 12Page - STMicroelectronics AN2595 Datasheet HTML 13Page - STMicroelectronics AN2595 Datasheet HTML 14Page - STMicroelectronics AN2595 Datasheet HTML 15Page - STMicroelectronics AN2595 Datasheet HTML 16Page - STMicroelectronics AN2595 Datasheet HTML 17Page - STMicroelectronics AN2595 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Special pins
AN2595 - Application note
14/20
There are two ways of disabling the BHE alternate function on P3.12:
–
Select an 8-bit data bus size on Port0 during reset (pin P0L7 to VSS).
–
Disable it via bit BYTDIS of the SYSCON register.
4
Special pins
4.1
External access enable/standby voltage supply pin
(EA/VSTBY)
A low level applied to this pin during and after reset forces the ST10F27xZx to start the
program execution from the external memory space. A high level will start the program
execution from internal memory.
If only internal memory is used, this pin can be tied directly to VDD.
The EA/VSTBY pin is also used (when Standby mode is entered, that is, ST10F27xZx under
reset and main VDD turned off) to bias the 32 kHz oscillator amplifier circuit, to provide a
reference voltage for the low-power embedded voltage regulator which generates the
internal 1.8 V supply for the XRTC module (when not disabled) and to retain data inside the
Standby portion of the XRAM (16 Kbyte). It can range from 4.5 to 5.5 V.
4.2
RPD pin
The RPD pin (return from power-down) generates the proper internal timing sequence when
interruptible power-down mode is used.
If the interruptible power-down mode is not used, the RPD pin can be connected to the
ground (directly or via a resistor of 1 M
Ω (maximum). In this configuration, the device always
performs asynchronous resets.
5
Reset
For information on ST10F27x reset, please refer to the product user manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com