Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2646 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2646
Description  Smartcard interface with the STM8S microcontroller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2646 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2646 Datasheet HTML 21Page - STMicroelectronics AN2646 Datasheet HTML 22Page - STMicroelectronics AN2646 Datasheet HTML 23Page - STMicroelectronics AN2646 Datasheet HTML 24Page - STMicroelectronics AN2646 Datasheet HTML 25Page - STMicroelectronics AN2646 Datasheet HTML 26Page - STMicroelectronics AN2646 Datasheet HTML 27Page - STMicroelectronics AN2646 Datasheet HTML 28Page - STMicroelectronics AN2646 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
AN2646 - Application note
ISO 7816-4 – smartcard commands
25/43
Verify
This command is sent by the application on the reader side to the security system on the
card. Its purpose is to convince the card that the reader knows a password maintained by
the card in order to restrict access to sensitive information stored on the card. The
password-type information may be associated with a specific file or to some or all of the file
hierarchy. If the Verify command fails i.e. the reader provides an incorrect password, an error
is returned to the reader.
Internal Authenticate
This command allows the card to authenticate itself to the reader by proving that it
possesses a secret key shared with the reader. The reader application software first
generates a random number and encrypts it with some algorithm known to both card and
reader. This constitutes a challenge to the card. The card then decrypts this challenge with
the secret key (that is stored on the card) and sends the resulting data back to the reader. If
the data received by the reader matches the random number that it generated then the
reader application software is assured of the identity of the card.
External Authenticate
This command is used in conjunction with the Get Challenge command to enable the reader
application software to authenticate itself to the card. The reader receives challenge data (a
random number) from the card and encrypts it with a secret key. This is then sent to the card
using the External Authenticate command. The card decrypts the data and compares it to
the random number that it generated in the previous Get Challenge command. If there is a
match, then the card is assured of the identity of the reader application.
Get Challenge
This command is sent by the reader to the card. Its purpose is to provide the reader
application with a random number generated by the smartcard. As previously described, this
number is used in the External Authenticate command.
Manage Channel
The Manage Channel command is used by the reader application to open and close the
logical communication channels between it and the card. Initially the card opens a basic
communication channel by establishing an application-level protocol with the reader
application through the completion of an ATR sequence. This channel is then used to open
or close additional logical channels through the Manage Channel command.
Envelope
This command supports the use of secure messaging using the T0 protocol. It enables an
APDU to be encrypted and then incorporated into the Envelope command's data section (of
its APDU). The APDU processor on the card can then extract and execute the command.
Get Response
As with the previous command, the Get Response command allows the use of the T0
protocol for transferring APDUs. The Case 4 type of APDU cannot be supported by the T0
protocol i.e. it is not possible to send a block of data to the card and then receive a block of
data in return. So when using the T0 protocol, the initial command results in a response
which indicates that more data is waiting to be sent by the card. The Get Response
command is then used to retrieve this data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com